Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE031 Datasheet(PDF) 11 Page - Texas Instruments

Part # AFE031
Description  Powerline Communications Analog Front-End
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE031 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AFE031_13 Datasheet HTML 7Page - Texas Instruments AFE031_13 Datasheet HTML 8Page - Texas Instruments AFE031_13 Datasheet HTML 9Page - Texas Instruments AFE031_13 Datasheet HTML 10Page - Texas Instruments AFE031_13 Datasheet HTML 11Page - Texas Instruments AFE031_13 Datasheet HTML 12Page - Texas Instruments AFE031_13 Datasheet HTML 13Page - Texas Instruments AFE031_13 Datasheet HTML 14Page - Texas Instruments AFE031_13 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
CS
SCLK
DIN
DOUT
t
CSSC
t
SU
t
HD
t
LO
t
HI
t
DO
t
SOZ
t
CS1
t
CS0
t
SCCS
t
CSH
1/f
SCLK
Hi-Z
Hi-Z
AFE031
www.ti.com
SBOS531D – AUGUST 2010 – REVISED MAY 2012
SPI TIMING REQUIREMENTS
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Input capacitance
1
pF
Input rise/fall time
tRFI
CS, DIN, SCLK
2
ns
Output rise/fall time
tRFO
DOUT
10
ns
CS high time
tCSH
CS
20
ns
SCLK edge to CS fall setup time
tCS0
10
ns
CS fall to first SCLK edge setup time
tCSSC
10
ns
SCLK frequency
fSCLK
20
MHz
SCLK high time
tHI
20
ns
SCLK low time
tLO
20
ns
SCLK last edge to CS rise setup time
tSCCS
10
ns
CS rise to SCLK edge setup time
tCS1
10
ns
DIN setup time
tSU
10
ns
DIN hold time
tHD
5
ns
SCLK to DOUT valid propagation delay
tDO
20
ns
CS rise to DOUT forced to Hi-Z
tsoz
20
ns
TIMING DIAGRAMS
Figure 1. SPI Mode 0,0
Copyright © 2010–2012, Texas Instruments Incorporated
11
Product Folder Link(s): AFE031


Similar Part No. - AFE031_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE031AIRGZR TI1-AFE031AIRGZR Datasheet
1Mb / 56P
[Old version datasheet]   Powerline Communications Analog Front-End
SEPTEMBER2011
AFE031AIRGZT TI1-AFE031AIRGZT Datasheet
1Mb / 56P
[Old version datasheet]   Powerline Communications Analog Front-End
SEPTEMBER2011
More results

Similar Description - AFE031_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE031 TI1-AFE031 Datasheet
1Mb / 56P
[Old version datasheet]   Powerline Communications Analog Front-End
SEPTEMBER2011
AFE030 TI1-AFE030 Datasheet
992Kb / 58P
[Old version datasheet]   Powerline Communications Analog Front-End
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
[Old version datasheet]   Power-Line Communications Analog Front-End
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
[Old version datasheet]   Power-Line Communications Analog Front-End
logo
Maxim Integrated Produc...
MAX2981 MAXIM-MAX2981 Datasheet
178Kb / 12P
   Integrated Powerline Communication Analog Front-End Transceiver and Line Driver
Rev 0; 7/09
MAX2991 MAXIM-MAX2991 Datasheet
1Mb / 22P
   Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
Rev 0; 1/10
MAX2991 MAXIM-MAX2991_V01 Datasheet
1Mb / 22P
   Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
19-5125; Rev 0; 1/10
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com