Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

489D686X96R3D9AE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 489D686X96R3D9AE3
Description  Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

489D686X96R3D9AE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  489D686X96R3D9AE3 Datasheet HTML 1Page - Vishay Siliconix 489D686X96R3D9AE3 Datasheet HTML 2Page - Vishay Siliconix 489D686X96R3D9AE3 Datasheet HTML 3Page - Vishay Siliconix 489D686X96R3D9AE3 Datasheet HTML 4Page - Vishay Siliconix 489D686X96R3D9AE3 Datasheet HTML 5Page - Vishay Siliconix 489D686X96R3D9AE3 Datasheet HTML 6Page - Vishay Siliconix 489D686X96R3D9AE3 Datasheet HTML 7Page - Vishay Siliconix 489D686X96R3D9AE3 Datasheet HTML 8Page - Vishay Siliconix 489D686X96R3D9AE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.vishay.com
For technical questions, contact: eurotant@vishay.com
Document Number: 42070
1
Revision: 12-Jun-06
489D, 499D
Vishay Sprague
Resin-Coated, Radial-Lead
Solid Tantalum Capacitors
FEATURES
Terminations: standard SnPb, 100 % Tin available
• Large capacitance range
• Encapsulated in a hard orange epoxy resin
• Large variety of lead styles available
• Supplied on tape and reel or ammopack
Low impedance and ESR at high frequencies
Available
Pb-free
RoHS*
COMPLIANT
ELECTRICAL CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C:
Type 489D
- 55 °C to + 125 °C:
Type 499D
APPLICATIONS
• Offer a very cost effective solution in the consumer,
industrial and professional electronics markets. The
capacitors are intended for high volume applications.
ORDERING INFORMATION
489D
686
X0
6R3
D
2
A
E3
TYPE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85 °C
CASE
CODE
LEAD STYLE
PACKAGING
RoHS
COMPLIANT
489D
Standard + 85 °C
499D
Standard + 125 °C
Low IL
Expressed in
picofarads. The
first two digits are
the significant
figures. The third
is the number of
zeros following.
X0 = ± 20 %
X9 = ± 10 %
Expressed by zeros if
needed to complete
the 3 digit block. A
decimal point is
indicated by an "R"
(6R3 = 6.3 volts).
See Table
Ratings
and Case
Codes
1, 2, 3, 4, 6, 9
See
description on
next page
A = Ammopack
B = Reel pack,
positive leader
C = Reel pack,
negative leader
V = Bulk Pack
E3 = 100 % tin
termination
(RoHS compliant
design)
Blank = SnPb
termination
(standard design)
* Pb containing terminations are not RoHS compliant, exemptions may apply
LEAD STYLE CONFIGURATIONS AND DIMENSIONS (MAX) in millimeters
LEAD
STYLES 1-2-3-4
STYLE 6
STYLE 9
STYLES 2-4
STYLE 6
CASE
D
P
H
P
H1
P
H2
P
H3
P
H4
A
3.7
2.5
7.0
5
11.0
5
10.0
2.5
7.0
5
11.0
B
4.0
2.5
7.5
5
11.5
5
10.5
2.5
7.5
5
11.5
C
4.5
2.5
8.0
5
12.0
5
11.0
2.5
8.0
5
12.0
D
5.0
2.5
9.0
5
13.0
5
12.0
2.5
9.0
5
13.0
E
5.5
2.5
10.0
5
14.0
5
13.0
2.5
10.0
5
14.0
F
6.0
2.5
11.0
5
15.0
5
14.0
2.5
11.0
5
15.0
H
6.5
2.5
12.0
5
16.0
5
15.0
2.5
12.0
5
16.0
M
10.0
5.0
14.5
-
-
5
18.0
5.0
14.5
-
-
N
11.0
5.0
16.0
-
-
5
19.0
-
-
-
-
R
12.0
5.0
19.0
-
-
5
22.0
-
-
-
-
D MAX.
0.5¯
3
P
± 0.5
H
Max.
15 Min.
20 Max.
D MAX.
H2
MAX.
P
± 0.5
4.5
± 1.5
Upper edge
of Printed
Circuit Board
1.1
± 0.05
0.5¯
D MAX.
H1
MAX.
P
± 0.5
5.5
± 0.5
0.5¯
15 Min.
20 Max.
H
MAX.
D MAX.
P
P
± 0.5
0.5¯
1 & 3
2 & 4
6
9
D MAX.
H3
MAX.
P
± 0.5
D MAX.
P
± 0.5
H4
MAX.
2 & 4
6
BULK : CODE V
REEL/AMMO : CODE A, B, C


Similar Part No. - 489D686X96R3D9AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
489D686X96R3D9AE3 VISHAY-489D686X96R3D9AE3 Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
More results

Similar Description - 489D686X96R3D9AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D VISHAY-489D Datasheet
116Kb / 8P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision 02-Aug-02
ETQW VISHAY-ETQW_08 Datasheet
405Kb / 8P
   Resin-Coated, Radial-Lead Tantalum Capacitors
Revision: 12-Jun-06
ETQW VISHAY-ETQW Datasheet
114Kb / 7P
   RESIN-COATED, RADIAL-LEAD TANTALUM CAPACITORS
Revision 15-Aug-02
ETPW VISHAY-ETPW Datasheet
114Kb / 7P
   Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
Revision 15-Aug-02
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
logo
RCD COMPONENTS INC.
TRA10-103 RCD-TRA10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
logo
Vishay Siliconix
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com