Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM400E2G-130H Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # CM400E2G-130H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM400E2G-130H Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  CM400E2G-130H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM400E2G-130H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM400E2G-130H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM400E2G-130H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM400E2G-130H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM400E2G-130H Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM400E2G-130H Datasheet HTML 7Page - Mitsubishi Electric Semiconductor CM400E2G-130H Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MITSUBISHI HVIGBT MODULES
CM400E2G-130H
HIGH POWER SWITCHING USE
3
th-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
INSULATED TYPE
HVIGBT (High Voltage Insulated Gate Bipolar Transistor) MODULES
HVM-1048-B
2 of 8
MAXIMUM RATINGS
Symbol
Item
Conditions
Ratings
Unit
Tj = -40 °C
5800
Tj = +25 °C
6300
VCES
Collector-emitter voltage
VGE = 0 V
Tj = +125 °C
6500
V
VGES
Gate-emitter voltage
VCE = 0V, Tj = 25°C
± 20
V
IC
DC, Tc = 80°C
400
A
ICM
Collector current
Pulse
(Note 1)
800
A
IE
DC
400
A
IEM
Emitter current
(Note 2)
Pulse
(Note 1)
800
A
Pc
Maximum power dissipation
(Note 3)
Tc = 25°C, IGBT part
5900
W
Viso
Isolation voltage
RMS, sinusoidal, f = 60Hz, t = 1 min.
10200
V
Ve
Partial discharge extinction voltage
RMS, sinusoidal, f = 60Hz, QPD ≤ 10 pC
5100
V
Tj
Junction temperature
−40 ~ +150
°C
Top
Operating temperature
−40 ~ +125
°C
Tstg
Storage temperature
−40 ~ +125
°C
tpsc
Maximum short circuit pulse width
VCC =4500V, VCE ≤ VCES, VGE =15V, Tj =125°C
10
µs
ELECTRICAL CHARACTERISTICS
Limits
Symbol
Item
Conditions
Min
Typ
Max
Unit
Tj = 25°C
7
ICES
Collector cutoff current
VCE = VCES, VGE = 0V
Tj = 125°C
20
60
mA
VGE(th)
Gate-emitter threshold voltage
VCE = 10 V, IC = 40 mA, Tj = 25°C
5.0
6.0
7.0
V
IGES
Gate leakage current
VGE = VGES, VCE = 0V, Tj = 25°C
−0.5
0.5
µA
Cies
Input capacitance
82.0
nF
Coes
Output capacitance
5.0
nF
Cres
Reverse transfer capacitance
VCE = 10 V, VGE = 0 V, f = 100 kHz
Tj = 25°C
1.4
nF
Qg
Total gate charge
VCC = 3600 V, IC = 400 A
VGE = ±15 V, Tj = 25 °C
6.6
µC
Tj = 25°C
4.5
VCE(sat)
Collector-emitter saturation voltage
IC = 400 A
(Note 4)
VGE = 15 V
Tj = 125°C
4.6
V
td(on)
Turn-on delay time
1.2
µs
tr
Turn-on rise time
0.35
µs
Eon(10%)
Turn-on switching energy
(Note 5)
VCC = 3600 V, IC = 400 A
VGE = ±15 V, RG(on) = 15 Ω
Tj = 125 °C, Ls = 170 nH
t(IGBT_off) = 60 µs
(Note 6), Inductive load
3.0
J/P
td(off)
Turn-off delay time
8.2
µs
tf
Turn-off fall time
0.5
µs
tf2
Turn-off fall time
3.1
µs
Eoff(10%)
Turn-off switching energy
(Note 5)
VCC = 3600 V, IC = 400 A
VGE = ±15 V, RG(off) = 50 Ω
Tj = 125 °C, Ls = 170 nH
Inductive load
2.7
J/P
Tj = 25 °C
4.0
VEC
Emitter-collector voltage
(Note 2)
IE = 400 A
(Note 4)
VGE = 0 V
Tj = 125 °C
3.6
V
trr
Reverse recovery time
(Note 2)
1.0
µs
trr2
Reverse recovery time
(Note 2)
2.4
µs
Qrr
Reverse recovery charge
(Note 2)
740
µC
Erec(10%)
Reverse recovery energy
(Note 2), (Note 5)
VCC = 3600 V, IE = 400 A
VGE = ±15 V, RG(on) = 15 Ω
Tj = 125 °C, Ls = 170 nH
t(IGBT_off) = 60 µs
(Note 6), Inductive load
1.4
J/P


Similar Part No. - CM400E2G-130H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM400E3Y6-24NFH POWEREX-CM400E3Y6-24NFH Datasheet
456Kb / 4P
   Chopper IGBTMOD NFH-Series Module 400 Amperes/1200 Volts
logo
Mitsubishi Electric Sem...
CM400E4G-130H MITSUBISHI-CM400E4G-130H Datasheet
260Kb / 8P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM400E2G-130H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com