Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJF21G10100BTX Datasheet(PDF) 4 Page - Amphenol Corporation

Part # RJF21G10100BTX
Description  Ethernet ConnectionConnectionSystem System for Harsh EnvironmentHarsh Environment The Industrial Ethernet SolutionEthernet Solution
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RJF21G10100BTX Datasheet(HTML) 4 Page - Amphenol Corporation

  RJF21G10100BTX Datasheet HTML 1Page - Amphenol Corporation RJF21G10100BTX Datasheet HTML 2Page - Amphenol Corporation RJF21G10100BTX Datasheet HTML 3Page - Amphenol Corporation RJF21G10100BTX Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Amphenol ®
Amphenol PCD – 2 Technology Drive – Peabody - Massachusetts – 01960 – USA
Tel: + 1 978-532-8800 x 273
Fax: + 1 978-532-6800
http://www.RJField.com
Part
Part Number
Number Code
Code
2
2
B
03
100 BTX
RJField
Shell Type
6 : Plug
6M : Plug, Metal Gland
2 : Receptacle, 4 mounting holes
2PE : IP67 In line Receptacle, 4 mounting holes
2PEM : IP67 In line Receptacle, 4 mounting holes, Metal Gland
7 : Receptacle, Hexagonal nut mounting
7PE : IP67 In line Receptacle, Hexagonal nut mounting
7PEM : IP67 In line Receptacle, Hexagonal nut mounting, Metal Gland
Back Terminations (For Receptacles only)
1 : Female RJ45
2 : RJ45 Cordset
Shell Finishes
B : Black Coating
A : Hard Anodic Coating
N : Nickel (Note : with this version, the inserts are metallized)
G : Olive Drab Cadmium (Note : with this version, the inserts are metallized)
Cordset Length (For Receptacles with "2" Back Termination only)
03 : 0.3 meters [11.81 inches]
05 : 0.5 meters [19.68 inches]
10 : 1 meter [39.37 inches]
15 : 1.5 meters [59.05 inches]
00 : 8 tined holes at the rear of the PCB to solder the cable
Cabling Configuration (For "2" Receptacles only)
100BTX : 10/100 Base TX
568A
568B
Series
RJF
Panel Gasket for type 2 Receptacle (Thickness : 0.6mm
[.024]) : Part No. JE 18
Insert removal tool : Part No. RJF ODE
Cat5 and 5e cordsets with reinforced jacket for harsh
environments applications (shocks, oils, fuel, …).
Please consult corresponding data sheet.
Accessories
Metallic Caps
Plug Cap
Receptacle Cap
Plug cap end
Type 2 receptacle end
Type 7 receptacle end
Examples :
- Black Plug: RJF 6 B
- Black square flange receptacle, Female RJ45 Back termination: RJF 2 1 B
- Olive Drab Cadmium jam nut receptacle, 1.5 m [59.05”] 100 BTX cordset termination: RJF 7 2 G 15 100BTX
- Black in line square flange receptacle, 30 cm [11.81”] 568B cordset termination: RJF 2PE 2 B 03 568B
- Nickel jam nut receptacle, solder termination: RJF 7 2 N 00
2B
Connector Type
6 : Plug
2 : Receptacle - 4 mounting holes
7 : Receptacle - Hexagonal nut mounting
Finishes
B : Black Coating
A : Hard Anodic coating
N : Nickel
G : Olive Drab Cadmium
RJFC


Similar Part No. - RJF21G10100BTX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RJF21BSCC AMPHENOL-RJF21BSCC Datasheet
249Kb / 4P
   RJ FieldRJ Field Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
More results

Similar Description - RJF21G10100BTX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RJFC7G AMPHENOL-RJFC7G Datasheet
249Kb / 4P
   Ethernet Connection System for Harsh Environment - Industrial EthernetTransform
RJFC7B AMPHENOL-RJFC7B Datasheet
249Kb / 4P
   Ethernet Connection System for Harsh Environment ?밒ndustrial Ethernet
RJFTV6MG AMPHENOL-RJFTV6MG Datasheet
260Kb / 4P
   Ethernet ConnectionSystem for Harsh Environment
RJF22B03100BTX AMPHENOL-RJF22B03100BTX Datasheet
249Kb / 4P
   Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
RJFTV2PEM1G AMPHENOL-RJFTV2PEM1G Datasheet
356Kb / 4P
   Ethernet ConnectionSystem for Harsh Environment
RJF21BSCC AMPHENOL-RJF21BSCC Datasheet
249Kb / 4P
   RJ FieldRJ Field Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
logo
Neutrik AG
NE8MC NEUTRIK-NE8MC Datasheet
92Kb / 2P
   The RJ45 system for harsh and demanding environment
logo
Abracon Corporation
ASTMUPLP ABRACON-ASTMUPLP Datasheet
2Mb / 6P
   Harsh environment
07.22.15
logo
CONEC Elektronische Bau...
RJ45-IP67 CONEC-RJ45-IP67 Datasheet
2Mb / 28P
   RJ45-IP67 Industrial Ethernet Connector System
logo
Renesas Technology Corp
R-IN32M3 RENESAS-R-IN32M3 Datasheet
1Mb / 116P
   LSI for Industrial Ethernet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com