Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9142 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9142
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142 Datasheet(HTML) 5 Page - Analog Devices

  AD9142 Datasheet HTML 1Page - Analog Devices AD9142 Datasheet HTML 2Page - Analog Devices AD9142 Datasheet HTML 3Page - Analog Devices AD9142 Datasheet HTML 4Page - Analog Devices AD9142 Datasheet HTML 5Page - Analog Devices AD9142 Datasheet HTML 6Page - Analog Devices AD9142 Datasheet HTML 7Page - Analog Devices AD9142 Datasheet HTML 8Page - Analog Devices AD9142 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
Data Sheet
AD9142
Rev. 0 | Page 5 of 64
SPECIFICATIONS
DC SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IOUTFS = 20 mA, maximum sample rate, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ACCURACY
Differential Nonlinearity (DNL)
±2.1
LSB
Integral Nonlinearity (INL)
±3.7
LSB
MAIN DAC OUTPUTS
Offset Error
−0.001
0
+0.001
% FSR
Gain Error
With internal reference
−3.2
2
4.7
% FSR
Full-Scale Output Current
Based on a 10 kΩ external resistor between FSADJ and AVSS
19.06
19.8
+20.6
mA
Output Compliance Range
−1.0
+1.0
V
Output Resistance
10
Gain DAC Monotonicity
Guaranteed
Settling Time to Within ±0.5 LSB
20
ns
MAIN DAC TEMPERATURE DRIFT
Offset
0.04
ppm/°C
Gain
100
ppm/°C
Reference Voltage
30
ppm/°C
REFERENCE
Internal Reference Voltage
1.17
1.19
V
Output Resistance
5
ANALOG SUPPLY VOLTAGES
AVDD33
3.13
3.3
3.47
V
CVDD18
1.71
1.8
1.89
V
DIGITAL SUPPLY VOLTAGES
DVDD18
1.71
1.8
1.89
V
POWER CONSUMPTION
2× Mode
fDAC = 491.52 MSPS
NCO OFF
700
mW
NCO ON
870
mW
4× Mode
fDAC = 737.28 MSPS
NCO OFF
836
mW
NCO ON
1085
mW
4× Mode
fDAC = 983.04 MSPS
NCO OFF
1030
mW
NCO ON
1365
mW
8× Mode
fDAC = 1600 MSPS
NCO OFF
1315
mW
NCO ON
1815
mW
Phase-Lock Loop
70
mW
Inverse Sinc
fDAC = 1474.56 MSPS
113
mW
Reduced Power Mode (Power Down)
96.6
mW
AVDD33
1.5
mA
CVDD18
42.3
mA
DVDD18
8.6
mA
OPERATING RANGE
−40
+25
+85
°C


Similar Part No. - AD9142

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9142A AD-AD9142A Datasheet
1Mb / 73P
   Multiple chip synchronization
AD9142A-M5372-EBZ AD-AD9142A-M5372-EBZ Datasheet
1Mb / 73P
   Multiple chip synchronization
AD9142A-M5375-EBZ AD-AD9142A-M5375-EBZ Datasheet
1Mb / 73P
   Multiple chip synchronization
AD9142ABCPZ AD-AD9142ABCPZ Datasheet
1Mb / 73P
   Multiple chip synchronization
AD9142ABCPZRL AD-AD9142ABCPZRL Datasheet
1Mb / 73P
   Multiple chip synchronization
More results

Similar Description - AD9142

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
   Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9122 AD-AD9122 Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
logo
Texas Instruments
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
[Old version datasheet]   Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com