Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP162A12A6PR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XP162A12A6PR
Description  Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XP162A12A6PR Datasheet(HTML) 2 Page - Torex Semiconductor

  XP162A12A6PR_12 Datasheet HTML 1Page - Torex Semiconductor XP162A12A6PR_12 Datasheet HTML 2Page - Torex Semiconductor XP162A12A6PR_12 Datasheet HTML 3Page - Torex Semiconductor XP162A12A6PR_12 Datasheet HTML 4Page - Torex Semiconductor XP162A12A6PR_12 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/5
XP162A12A6PR-G
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Drain Cut-Off Current
Idss
Vds= -20V, Vgs= 0V
-
-
-10
μA
Gate-Source Leak Current
Igss
Vgs= ±12V, Vds= 0V
-
-
±10
μA
Gate-Source Cut-Off Voltage
Vgs(off)
Id= -1mA, Vds= -10V
-0.5
-
-1.2
V
Id= -1.5A, Vgs= -4.5V
-
0.13
0.17
Ω
Drain-Source On-State Resistance*1
Rds(on)
Id= -1.5A, Vgs= -2.5V
-
0.22
0.30
Ω
Forward Transfer Admittance*1
| Yfs |
Id= -1.5A, Vds= -10V
-
4
-
S
Body Drain Diode
Forward Voltage
Vf
If= -2.5A, Vgs= 0V
-
-0.85
-1.1
V
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Capacitance
Ciss
-
310
-
pF
Output Capacitance
Coss
-
200
-
pF
Feedback Capacitance
Crss
Vds= -10V, Vgs=0V
f= 1MHz
-
90
-
pF
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Turn-On Delay Time
td (on)
-
5
-
ns
Rise Time
tr
-
15
-
ns
Turn-Off Delay Time
td (off)
-
55
-
ns
Fall Time
tf
Vgs= -5V, Id= -1.5A
Vdd= -10V
-
55
-
ns
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Thermal Resistance
(Channel-Ambience)
Rth (ch-a)
Implement on a ceramic PCB
-
62.5
-
℃/W
■ELECTRICAL CHARACTERISTICS
DC Characteristics
Ta = 25℃
*1 Effective during pulse test.
Ta = 25℃
Ta = 25℃
Switching Characteristics
Thermal Characteristics
Dynamic Characteristics


Similar Part No. - XP162A12A6PR_12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP162A12A6PR-12 TOREX-XP162A12A6PR-12 Datasheet
293Kb / 5P
   Power MOSFET
More results

Similar Description - XP162A12A6PR_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com