Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XCM406AB01DR Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XCM406AB01DR
Description  700mA High Speed Dual LDO Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM406AB01DR Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XCM406AB01DR Datasheet HTML 4Page - Torex Semiconductor XCM406AB01DR Datasheet HTML 5Page - Torex Semiconductor XCM406AB01DR Datasheet HTML 6Page - Torex Semiconductor XCM406AB01DR Datasheet HTML 7Page - Torex Semiconductor XCM406AB01DR Datasheet HTML 8Page - Torex Semiconductor XCM406AB01DR Datasheet HTML 9Page - Torex Semiconductor XCM406AB01DR Datasheet HTML 10Page - Torex Semiconductor XCM406AB01DR Datasheet HTML 11Page - Torex Semiconductor XCM406AB01DR Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8/20
XCM406 Series
VOUT
0.8V ~ 1.45V
1.5V ~ 1.75V
1.8V ~ 5.0V
CL
6.8μF
4.7μF
1.0μF
OPERATIONAL EXPLANATION
The voltage, divided by resistors R1 & R2, which are connected to the VROUT pin is compared with the internal reference
voltage by the error amplifier. The P-channel MOSFET connected to the VROUT pin is then driven by the subsequent
output signal. The output voltage at the VOUT pin is controlled and stabilized by negative feedback. The constant
current limit circuit and short circuit protection operate in relation to the level of output current.
<Low ESR Capacitor>
With the XCM406 series regulator, a stable output voltage is achievable even if low ESR capacitors are used, as a phase
compensation circuit is built into the regulator. In order to ensure the effectiveness of the phase compensation, we
suggest that an output capacitor (CL) will be connected as close as possible between the output pin (VROUT) and the VSS
pin. Please use an output capacitor (CL) with a capacitance based on the chart below. We also suggest an input
capacitor (CIN) of 1μF. This should be connected between VIN and VSS in order to stabilize input power source.
Output Capacitor Corresponding Table
<Current Limiter, Short-Circuit Protection>
The XCM406 series regulator offers a combination of current limit and short circuit protection by means of a built-in fixed
current limiter circuit and a foldback circuit. When drops further and output current decreases. When the output pin is
shorted, a current of about 50mA flows. the load current reaches the current limit level, the fixed current limiter circuit
operates and output voltage drops. As a result of this drop in output voltage, the foldback circuit operates, the output
voltage
<EN Pin>
The IC's internal regulator circuitry can be shut down via the signal from the EN pin with the XC6210 series. In
shutdown mode, output at the VROUT pin will be pulled down to the VSS level via R1 & R2. Options are available for the
EN pin logic (See the product classification). Note that as the XCM406AA types are 'High Active / No Pull-Down',
operations will become unstable with the EN pin open. Although the EN pin is equal to an inverter input with CMOS
hysteresis, with either the pull-up or pull-down options, the CE pin input current will increase when the IC is in operation.
We suggest that you use this IC with either a VIN voltage or a VSS voltage input at the EN pin. If this IC is used with the
correct specifications for the EN pin, the IC will operate normally. However, supply current may increase as a result of
through current in the IC's internal circuitry if a voltage other than VIN or VSS is applied.
NOTES ON USE
1. Please use this IC within the stated maximum ratings. For temporary, transitional voltage drop or voltage rising
phenomenon, the IC is liable to malfunction should the ratings be exceeded.
2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on
output current. Please strengthen VIN and VSS wiring in particular.
3. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible. When rapid input
fluctuation or load fluctuation occurs, please increase the capacitor value such as CIN or CL to stabilize the operation.
4. The two dies in the same package are closely placed so that one heat generation affects the other.
Heat dissipation should be evaluated on the actual board design before finalizing. In case of light load operation like
100μA below, but the other side is heavy load operation, the light load output voltage may happen to be elevated up to
the input voltage level as a result of leakage current. As a counter measure when it happened, adding one resistor
between VOUT and VSS pins is recommended.
5. Torex places an importance on improving our products and its reliability.
However, by any possibility, we would request user fail-safe design and post-aging treatment on system or equipment.


Similar Part No. - XCM406AB01DR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM406AB01DR TOREX-XCM406AB01DR Datasheet
1Mb / 20P
   High Current High Speed Dual LDO Regulator
More results

Similar Description - XCM406AB01DR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XC6222 TOREX-XC6222 Datasheet
596Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222D251MR-G TOREX-XC6222D251MR-G Datasheet
616Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
XCM406 TOREX-XCM406_15 Datasheet
1Mb / 20P
   High Speed Dual LDO Regulator
XCM406 TOREX-XCM406 Datasheet
1Mb / 20P
   High Current High Speed Dual LDO Regulator
XC6211 TOREX-XC6211 Datasheet
197Kb / 15P
   High Speed LDO Regulator
logo
Cystech Electonics Corp...
LM6219-33N5 CYSTEKEC-LM6219-33N5 Datasheet
353Kb / 9P
   300mA High Speed LDO Regulator,
LM6219-3.3N5 CYSTEKEC-LM6219-3.3N5 Datasheet
450Kb / 9P
   300mA High Speed LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com