Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC8107BC10ER-G Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC8107BC10ER-G
Description  85m廓 High Function Power Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC8107BC10ER-G Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC8107BC10ER-G Datasheet HTML 7Page - Torex Semiconductor XC8107BC10ER-G Datasheet HTML 8Page - Torex Semiconductor XC8107BC10ER-G Datasheet HTML 9Page - Torex Semiconductor XC8107BC10ER-G Datasheet HTML 10Page - Torex Semiconductor XC8107BC10ER-G Datasheet HTML 11Page - Torex Semiconductor XC8107BC10ER-G Datasheet HTML 12Page - Torex Semiconductor XC8107BC10ER-G Datasheet HTML 13Page - Torex Semiconductor XC8107BC10ER-G Datasheet HTML 14Page - Torex Semiconductor XC8107BC10ER-G Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11/27
XC8107
Series
OPERATIONAL EXPLANATION (Continued)
<Flag function>
The flag circuit is built in which monitors the state of the power switch.
The FLG pin outputs Low level when the reverse current prevention function is operating. A resistance of 10kΩ to 100kΩ is
recommended for the FLG pin pull-up resistance.
Auto recovery type (product type C)
Protective function
FLG pin Low level output
Return to FLG pin High level output
Current limiter
7.5ms after over-current detection
7.5ms after over-current release
Reverse current prevention
4.0ms after reverse voltage detection
4.0ms after reverse voltage release
Thermal shutdown
Same time as overheat state is detected
Same time as overheat state is released
Latch off type (product type D)
Protective function
FLG pin Low level output
Return to FLG pin High level output
Current limiter
7.5ms after over-current detection
When latch operation is released
Reverse current prevention
4.0ms after reverse voltage detection
When latch operation is released
Thermal shutdown
Same time as overheat state is detected
Same time as overheat state is released


Similar Part No. - XC8107BC10ER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8107 TOREX-XC8107 Datasheet
695Kb / 27P
   85m廓 High Function Power Switch
XC8107-13 TOREX-XC8107-13 Datasheet
707Kb / 27P
   85m廓 High Function Power Switch
XC8107-15 TOREX-XC8107-15 Datasheet
707Kb / 27P
   High Function Power Switch
More results

Similar Description - XC8107BC10ER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8109 TOREX-XC8109 Datasheet
678Kb / 26P
   85m廓 High Function Power Switch
XC8107-13 TOREX-XC8107-13 Datasheet
707Kb / 27P
   85m廓 High Function Power Switch
XC8108 TOREX-XC8108_13 Datasheet
660Kb / 25P
   85m廓 High Function Power Switch
XC8107 TOREX-XC8107 Datasheet
695Kb / 27P
   85m廓 High Function Power Switch
XC8108 TOREX-XC8108 Datasheet
658Kb / 25P
   85m廓 High Function Power Switch
XC8108-13 TOREX-XC8108-13 Datasheet
660Kb / 25P
   85m廓 High Function Power Switch
XC8107-15 TOREX-XC8107-15 Datasheet
707Kb / 27P
   High Function Power Switch
XC8108 TOREX-XC8108_15 Datasheet
660Kb / 25P
   High Function Power Switch
logo
SeCoS Halbleitertechnol...
SSF7400 SECOS-SSF7400 Datasheet
428Kb / 4P
   30V , 1.7A , RDS(ON) 85m廓 N-Ch Enhancement Mode Power MOSFET
logo
Shenzhen Huazhimei Semi...
HM9701C HMSEMI-HM9701C Datasheet
523Kb / 4P
   100m廓 power switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com