Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC8101AA01NR-G Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC8101AA01NR-G
Description  High Side Load Switch with Low Supply Current
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC8101AA01NR-G Datasheet(HTML) 5 Page - Torex Semiconductor

  XC8101AA01NR-G Datasheet HTML 1Page - Torex Semiconductor XC8101AA01NR-G Datasheet HTML 2Page - Torex Semiconductor XC8101AA01NR-G Datasheet HTML 3Page - Torex Semiconductor XC8101AA01NR-G Datasheet HTML 4Page - Torex Semiconductor XC8101AA01NR-G Datasheet HTML 5Page - Torex Semiconductor XC8101AA01NR-G Datasheet HTML 6Page - Torex Semiconductor XC8101AA01NR-G Datasheet HTML 7Page - Torex Semiconductor XC8101AA01NR-G Datasheet HTML 8Page - Torex Semiconductor XC8101AA01NR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5/37
XC8101
Series
TEST CIRCUITS
Circuit ①
Circuit ②
Circuit ③


Similar Part No. - XC8101AA01NR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8101AA01NR TOREX-XC8101AA01NR Datasheet
596Kb / 32P
   High Side Line Switch with Low Supply Current
More results

Similar Description - XC8101AA01NR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8101AA01MR-G TOREX-XC8101AA01MR-G Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
XC8101-12 TOREX-XC8101-12 Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
XC8101 TOREX-XC8101 Datasheet
596Kb / 32P
   High Side Line Switch with Low Supply Current
XC8101 TOREX-XC8101_15 Datasheet
705Kb / 37P
   High Side Load Switch
logo
Micrel Semiconductor
MIC94161 MICREL-MIC94161 Datasheet
742Kb / 12P
   3A High-Side Load Switch
MIC9416X MICREL-MIC9416X Datasheet
742Kb / 12P
   3A High-Side Load Switch with Reverse Blocking
logo
Shenzhen Huazhimei Semi...
HM9713 HMSEMI-HM9713 Datasheet
615Kb / 4P
   5V, 3.5A Low Side Load Switch
logo
ON Semiconductor
NCP3902 ONSEMI-NCP3902 Datasheet
342Kb / 21P
   High-Current Bidirectional Load Switch
March, 2018 ??Rev. 3
logo
Texas Instruments
TPS22949_101 TI-TPS22949_101 Datasheet
1Mb / 28P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
logo
Monolithic Power System...
MP5087 MPS-MP5087 Datasheet
975Kb / 15P
   5.5V, 7A Low RDSON Load Switch with Current Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com