Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6801A421MR-G Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6801A421MR-G
Description  1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6801A421MR-G Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6801A421MR-G Datasheet HTML 7Page - Torex Semiconductor XC6801A421MR-G Datasheet HTML 8Page - Torex Semiconductor XC6801A421MR-G Datasheet HTML 9Page - Torex Semiconductor XC6801A421MR-G Datasheet HTML 10Page - Torex Semiconductor XC6801A421MR-G Datasheet HTML 11Page - Torex Semiconductor XC6801A421MR-G Datasheet HTML 12Page - Torex Semiconductor XC6801A421MR-G Datasheet HTML 13Page - Torex Semiconductor XC6801A421MR-G Datasheet HTML 14Page - Torex Semiconductor XC6801A421MR-G Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11/19
XC6801
Series
TYPICAL PERFORMANCE CHARACTORISITCS (Continued)
(5)バッテリー電流 - 周囲温度特性例
(6)トリクル充電電流 - 周囲温度特性例
(7)トリクル電圧 - 周囲温度特性例
(8)UVLO電圧 - 周囲温度特性例
XC6801A421
14
13
12
11
10
9
8
7
6
-50
-25
0
25
50
75
100
周囲温度 Ta(℃)
VIN=5V, VBAT=2.5V, VLim=0V
XC6801A421
70
65
60
55
50
45
40
35
30
-50
-25
0
25
50
75
100
周囲温度 Ta(℃)
VIN=VLim=5V, VBAT=2.5V
XC6801A421
120
110
100
90
80
-50
-25
0
25
50
75
100
周囲温度 Ta(℃)
VIN=5V, VBAT=3.8V, VLim=0V
XC6801A421
540
520
500
480
460
-50
-25
0
25
50
75
100
周囲温度 Ta(℃)
VIN=VLim=5V, VBAT=3.8V
XC6801A421
2.65
2.70
2.75
2.80
2.85
2.90
2.95
3.00
-50
-25
0
25
50
75
100
周囲温度 Ta(℃)
トリクル電圧(解除)
トリクル電圧(検出)
VIN=5V
XC6801A421
3.35
3.45
3.55
3.65
3.75
3.85
3.95
-50
-25
0
25
50
75
100
周囲温度 Ta(℃)
UVLO電圧(検出)
UVLO電圧(解除)
(5) Battery Current vs. Ambient Temperature
Ambient Temperature: Ta (℃)
Ambient Temperature: Ta (℃)
(6) Trickle Charge Current vs. Ambient Temperature
(7) Trickle Voltage vs. Ambient Temperature
(8) UVLO Voltage vs. Ambient Temperature
Ambient Temperature: Ta (℃)
Ambient Temperature: Ta (℃)
Trickle Voltage (Release)
Trickle Voltage (Detect)
UVLO Voltage (Detect)
UVLO Voltage (Release)
Ambient Temperature: Ta (℃)
Ambient Temperature: Ta (℃)


Similar Part No. - XC6801A421MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6801A421MR-G TOREX-XC6801A421MR-G Datasheet
397Kb / 18P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
More results

Similar Description - XC6801A421MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6801 TOREX-XC6801 Datasheet
397Kb / 18P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6802 TOREX-XC6802 Datasheet
356Kb / 18P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
logo
ACE Technology Co., LTD...
ACE4054 ACE-ACE4054_12 Datasheet
1,000Kb / 18P
   Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.4
ACE4054 ACE-ACE4054 Datasheet
252Kb / 15P
   Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.2
logo
Torex Semiconductor
XC6801 TOREX-XC6801_15 Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC
logo
Richtek Technology Corp...
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
   Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
   Linear Single Cell Li-Ion Battery Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com