Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3825QG3 Datasheet(PDF) 5 Page - Texas Instruments

Part # UC3825QG3
Description  High Speed PWM Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3825QG3 Datasheet(HTML) 5 Page - Texas Instruments

  UC3825QG3 Datasheet HTML 1Page - Texas Instruments UC3825QG3 Datasheet HTML 2Page - Texas Instruments UC3825QG3 Datasheet HTML 3Page - Texas Instruments UC3825QG3 Datasheet HTML 4Page - Texas Instruments UC3825QG3 Datasheet HTML 5Page - Texas Instruments UC3825QG3 Datasheet HTML 6Page - Texas Instruments UC3825QG3 Datasheet HTML 7Page - Texas Instruments UC3825QG3 Datasheet HTML 8Page - Texas Instruments UC3825QG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
UC1825
UC2825
UC3825
High speed circuits demand careful attention to layout
and component placement. To assure proper perfor-
mance of the UC1825 follow these rules: 1) Use a ground
plane. 2) Damp or clamp parasitic inductive kick energy
from the gate of driven MOSFETs. Do not allow the out-
put pins to ring below ground. A series gate resistor or a
shunt 1 Amp Schottky diode at the output pin will serve
this purpose. 3) Bypass VCC,VC, and VREF. Use 0.1
µF
monolithic ceramic capacitors with low equivalent series
inductance. Allow less than 1 cm of total lead length for
each capacitor between the bypassed pin and the ground
plane. 4) Treat the timing capacitor, CT, like a bypass ca-
pacitor.
Open Loop Frequency Response
Unity Gain Slew Rate
Simplified Schematic
Error Amplifier Circuit
PWM Applications
Conventional (Voltage Mode)
Current-Mode
Printed Circuit Board Layout Considerations


Similar Part No. - UC3825QG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3825QG3 TI1-UC3825QG3 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
More results

Similar Description - UC3825QG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com