Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B0603R220FCT Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # B0603R220FCT
Description  Multilayer Ceramic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B0603R220FCT Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  B0603R220FCT Datasheet HTML 1Page - List of Unclassifed Manufacturers B0603R220FCT Datasheet HTML 2Page - List of Unclassifed Manufacturers B0603R220FCT Datasheet HTML 3Page - List of Unclassifed Manufacturers B0603R220FCT Datasheet HTML 4Page - List of Unclassifed Manufacturers B0603R220FCT Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Multilayer Ceramic Capacitors
Page <5>
14/01/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Disclaimer This data sheet and its contents (the "Information") belong to the Premier Farnell Group (the "Group") or are licensed to it. No licence is granted for the use of it other than for information purposes
in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces all data sheets previously supplied.
The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of it. Users of this data
sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted. Liability for loss or damage
resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising) is excluded.
This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Recommended wave soldering profile for SMT process
with SnAgCu series solder.
Part Number Explanation:
U
Size
0603
Capacitance
220
Termination
C
T
C
Rated Voltage
Dielectric
Packaging
J
Tolerance
Rated Voltage
: Two significant digits followed by no. of zeros and R is in place of decimal point)
A = 100 V, B = 16 V, T = 25 V and U = 50 V
Size
: 0603 inches (1608 mm), 0805 inches (2012 mm) and 1206 inches (3216 mm)
Dielectric
: C = NP0 (C0G), R = X7R and F = Y5V
Capacitance
: Two significant digits followed by number of zeros and R is in place of decimal point
eg: 102 = 10 x 102 = 1,000 pF
Tolerance
: B = ±0.1 pF, C = ±0.25 pF, D = ±0.5 pF, F = ±1%, G = +2% and J = +5%
Termination
: C = Cu / Ni / Sn
Packaging
: T = 7 inches reeled


Similar Part No. - B0603R220FCT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B0603R220BCT ETC2-B0603R220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
B0603R220GCT ETC2-B0603R220GCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
B0603R220JCT ETC2-B0603R220JCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
More results

Similar Description - B0603R220FCT

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com