Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS758A01KTTR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS758A01KTTR
Description  FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS758A01KTTR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS758A01KTTR Datasheet HTML 3Page - Texas Instruments TPS758A01KTTR Datasheet HTML 4Page - Texas Instruments TPS758A01KTTR Datasheet HTML 5Page - Texas Instruments TPS758A01KTTR Datasheet HTML 6Page - Texas Instruments TPS758A01KTTR Datasheet HTML 7Page - Texas Instruments TPS758A01KTTR Datasheet HTML 8Page - Texas Instruments TPS758A01KTTR Datasheet HTML 9Page - Texas Instruments TPS758A01KTTR Datasheet HTML 10Page - Texas Instruments TPS758A01KTTR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.ti.com
0
50
100
150
200
250
−40 −25 −10
5
20
35
50
65
80
95 110 125
TJ − Junction Temperature − °C
VO= 3.3 V
IO = 3 A
0
50
100
150
200
250
2.5
3
3.5
4
4.5
5
VI − Input Voltage − V
IO = 3 A
TJ = 25°C
TJ = −40°C
TJ = 125°C
3.8
0
−50
t − Time −
µs
0
150
100
50
200 250
350
300
400 450 500
VO = 1.5 V
IO = 3 A
Co = 100 µF
2.8
−100
50
2
3
4
1.5
2.5
3.5
2
3
VO − Output Voltage − V
2.8
1.75
2.25
2.75
3.25
IO = 3 A
TJ = 125°C
TJ = 25°C
TJ = −40°C
TPS75801
,, TPS758A01
TPS75815, TPS75818
TPS75825, TPS75833
SLVS330F – JUNE 2001 – REVISED APRIL 2007
TYPICAL CHARACTERISTICS (continued)
TPS75801
TPS75833
DROPOUT VOLTAGE
DROPOUT VOLTAGE
vs
vs
INPUT VOLTAGE
JUNCTION TEMPERATURE
Figure 9.
Figure 10.
MINIMUM REQUIRED INPUT VOLTAGE
vs
TPS75815
OUTPUT VOLTAGE
LINE TRANSIENT RESPONSE
Figure 11.
Figure 12.
7
Submit Documentation Feedback


Similar Part No. - TPS758A01KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS758A01KTTR TI1-TPS758A01KTTR Datasheet
988Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS758A01KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75801 TI-TPS75801_15 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI1-TPS75801_16 Datasheet
988Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com