Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAY16-103J4LF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CAY16-103J4LF
Description  CAT/CAY 16 Series - Chip Resistor Arrays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CAY16-103J4LF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CAY16-103J4LF Datasheet HTML 1Page - Bourns Electronic Solutions CAY16-103J4LF Datasheet HTML 2Page - Bourns Electronic Solutions CAY16-103J4LF Datasheet HTML 3Page - Bourns Electronic Solutions CAY16-103J4LF Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
RoHS compliant*
Convex and concave terminals
2, 4 or 8 isolated elements available
Resistance tolerance ±1 % and ±5 %
Resistance range: 10 ohms to 1 megohm
CAT/CAY 16 Series - Chip Resistor Arrays
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
Specifications
How To Order
CA Y 16 - 103 J 4 LF
Chip Arrays
Type
• CAT16 = Concave Terminations
• CAY16 = Convex Terminations
Resistance Code
• 103 = 10 K ohms
• 1003 = 100 K ohms (1 % tolerance)
• 000 = Zero-ohm
Resistance Tolerance
• J = ±5 % (Use “J” for zero-ohm jumper)
• F = ±1 % (4 resistor pkg. and CAT16-F8)
Resistors
• 2 = 2 Isolated Resistors
• 4 = 4 Isolated Resistors
• 8 = 8 Isolated Resistors
Terminations
• LF = Tin-plated (RoHS compliant)
Requirement
Characteristics
Test Method
Short Time Overload
±1 % (±2 % for CAT16-F8, -J8 & CAY16-J8)
Rated Voltage X 2.5, 5 seconds
Soldering Heat
±1 %
260 °C ±5 °C, 10 seconds ±1 second
Temperature Cycling (5)
±1 %
125 °C (30 minutes) - normal (15 minutes)
-30 °C (30 minutes) - normal (15 minutes)
Moisture Load Life
±2 % (±3 % for CAT16-F8, -J8 & CAY16-J8)
1000 hours
Load Life
±2 % (±3 % for CAT16-F8, -J8 & CAY16-J8)
1000 hours
Characteristics
Characteristics
CAT16/CAY16
Number of Elements
2 (J2), 4 (F4, J4), 8 (F8, J8)
Power Rating Per Resistor
62 mW (31 mW for CAY16-J8)
Resistance Tolerance
±1 %, ±5 %
Resistance Range: E24 (J), E96 + E24 (F)
10 ohms - 1 megohm
Zero-Ohm Jumper < 0.05 ohm
Max. Working Voltage
50 V (25 V for CAY16-J8)
Operating Temp. Range
-55 °C - 125 °C
Packaging Size
J2 .......... 0606 Package Size
F4, J4 .... 1206 Package Size
F8 .......... 2406 Package Size for CAT16
J8 .......... 2406 Package Size for CAT16;
1506 Package Size for CAY16
For Standard Values Used in Capacitors,
Inductors, and Resistors, click here.
Schematics
R1
R2
R1
R2
R3
R4
CAT16-F4, -J4
CAY16-F4, -J4
R1
R2
R3
R4
CAT16-F8, -J8
CAY16-J8
R5
R6
R7
R8
CAT16-J2
CAY16-J2
Soldering Profile for RoHS Compliant Chip Resistors and Arrays
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (seconds)
60 - 120 seconds
60 - 90
seconds
260 °C peak
190 °C
150 °C
220 °C
Ramp Down
6 °C/second
255 °C
Maximum of 20 seconds between
+255 °C and +260 °C
Ramp Up
3 °C/second maximum
10 seconds minimum
<1>
<1>


Similar Part No. - CAY16-103J4LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAY16-103J4LF ETC1-CAY16-103J4LF Datasheet
97Kb / 3P
   CAT/CAY 16 Series-Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAY16-103J4LF BOURNS-CAY16-103J4LF Datasheet
320Kb / 4P
   Chip Resistor Arrays
CAY16-103J4LF BOURNS-CAY16-103J4LF Datasheet
535Kb / 3P
   Chip Resistor Arrays Resistance range: 10 ohms to 1 megohm
CAY16-103J4LF BOURNS-CAY16-103J4LF Datasheet
535Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAY16-103J4LF BOURNS-CAY16-103J4LF Datasheet
495Kb / 4P
   CAT/CAY 16 Series - Chip Resistor Arrays
More results

Similar Description - CAY16-103J4LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CAT16-104J4LF BOURNS-CAT16-104J4LF Datasheet
535Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAY16-680J4LF BOURNS-CAY16-680J4LF Datasheet
495Kb / 4P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAY16-49R9F4LF BOURNS-CAY16-49R9F4LF Datasheet
535Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAY16-4701F4LF BOURNS-CAY16-4701F4LF Datasheet
535Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAT16-2003F4LF BOURNS-CAT16-2003F4LF Datasheet
474Kb / 3P
   CAT CAY 16 Series - Chip Resistor Arrays
CAY16-330J8LF BOURNS-CAY16-330J8LF Datasheet
474Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAY16-470J4LF BOURNS-CAY16-470J4LF Datasheet
535Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAT16-472J8LF BOURNS-CAT16-472J8LF Datasheet
474Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAY16-1002F4LF BOURNS-CAY16-1002F4LF Datasheet
474Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAY16-183J4LF BOURNS-CAY16-183J4LF Datasheet
552Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com