Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC5603J Datasheet(PDF) 4 Page - Texas Instruments

Part # UC5603J
Description  9-LINE SCSI ACTIVE TERMINATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC5603J Datasheet(HTML) 4 Page - Texas Instruments

  UC5603J Datasheet HTML 1Page - Texas Instruments UC5603J Datasheet HTML 2Page - Texas Instruments UC5603J Datasheet HTML 3Page - Texas Instruments UC5603J Datasheet HTML 4Page - Texas Instruments UC5603J Datasheet HTML 5Page - Texas Instruments UC5603J Datasheet HTML 6Page - Texas Instruments UC5603J Datasheet HTML 7Page - Texas Instruments UC5603J Datasheet HTML 8Page - Texas Instruments UC5603J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
UC5603
9LINE SCSI ACTIVE TERMINATOR
SLUS195B − MARCH 1997 − REVISED NOVEMBER 2003
4
www.ti.com
regulator section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Regulator output voltage
2.8
2.9
3
V
Regulator output voltage
All termination lines = 5 V
2.8
2.9
3
V
Line regulation
TRMPWR = 4 V to 6 V
10
20
mV
Load regulation
IREG = 100 mA to −100 mA
20
50
mV
Drop out voltage
All termination lines = 0.5 V
0.7
1
V
Short circuit current
VREG = 0 V
−200
−400
−600
mA
Sinking current capability
VREG = 3.5 V
200
400
600
mA
Thermal shutdown
170
°C
Thermal shutdown hysteresis
10
°C
disconnect section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Disconnect threshold
1.3
1.5
1.7
V
Threshold hysteresis
100
160
250
mV
Input current
DISCNCT = 0 V
10
15
mA
APPLICATION INFORMATION
UDG-94050
Figure 1. Typical Wide SCSI Bus Configurations Utilizing 1 UC5601 and 1 UC5603 Device


Similar Part No. - UC5603J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5603 TI-UC5603 Datasheet
255Kb / 5P
[Old version datasheet]   9-Line SCSI Active Terminator
More results

Similar Description - UC5603J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5203 MICROSEMI-LX5203 Datasheet
147Kb / 4P
   9-LINE SCSI ACTIVE TERMINATOR
logo
Texas Instruments
UC5603 TI-UC5603 Datasheet
255Kb / 5P
[Old version datasheet]   9-Line SCSI Active Terminator
UC5604 TI-UC5604 Datasheet
244Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5612 TI-UC5612 Datasheet
279Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5613 TI-UC5613 Datasheet
244Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5604DP TI-UC5604DP Datasheet
202Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5605 TI-UC5605 Datasheet
245Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
logo
Burr-Brown (TI)
REG5601 BURR-BROWN-REG5601 Datasheet
107Kb / 3P
   18-LINE SCSI ACTIVE TERMINATOR
logo
Microsemi Corporation
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
   9-Line LVD SCSI Terminator
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
   9 - LINE LVD SCSI TERMINATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com