Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC6C595DRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC6C595DRG4
Description  POWER LOGIC 8-BIT SHIFT REGISTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC6C595DRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPIC6C595DRG4 Datasheet HTML 1Page - Texas Instruments TPIC6C595DRG4 Datasheet HTML 2Page - Texas Instruments TPIC6C595DRG4 Datasheet HTML 3Page - Texas Instruments TPIC6C595DRG4 Datasheet HTML 4Page - Texas Instruments TPIC6C595DRG4 Datasheet HTML 5Page - Texas Instruments TPIC6C595DRG4 Datasheet HTML 6Page - Texas Instruments TPIC6C595DRG4 Datasheet HTML 7Page - Texas Instruments TPIC6C595DRG4 Datasheet HTML 8Page - Texas Instruments TPIC6C595DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TPIC6C595
POWER LOGIC 8BIT SHIFT REGISTER
SLIS061C − JULY 1998 − REVISED APRIL 2005
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Outputs are low-side, open-drain DMOS transistors with output ratings of 33 V and 100 mA continuous
sink-current capability. Each output provides a 250-mA maximum current limit at TC = 25°C. The current limit
decreases as the junction temperature increases for additional device protection. The device also provides up
to 2500 V of ESD protection when tested using the human-body model and the 200-V machine model.
The TPIC6C595 is characterized for operation over the operating case temperature range of −40
°C to 125°C.
logic diagram (positive logic)
G
RCK
CLR
SRCK
SER IN
CLR
D
C1
D
C2
CLR
D
C1
SER OUT
CLR
D
C1
CLR
D
C1
CLR
D
C1
CLR
D
C1
CLR
D
C1
CLR
D
C1
D
C2
D
C2
D
C2
D
C2
D
C2
D
C2
D
C2
3
DRAIN0
4
DRAIN1
16
GND
5
DRAIN2
6
DRAIN3
11
DRAIN4
12
DRAIN5
13
DRAIN6
14
DRAIN7
8
7
2
10
15
9
CLR
CLR
CLR
CLR
CLR
CLR
CLR
CLR


Similar Part No. - TPIC6C595DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595DRG4 TI1-TPIC6C595DRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Power Logic 8-Bit Shift Register
More results

Similar Description - TPIC6C595DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
   Power logic 8-bit shift register
logo
Texas Instruments
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWR TI1-TPIC6A595DWR Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6C595 STMICROELECTRONICS-STPIC6C595_08 Datasheet
420Kb / 22P
   Power logic 8-bit shift register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com