Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC1021DG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC1021DG4
Description  LIN Physical Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC1021DG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPIC1021DG4 Datasheet HTML 1Page - Texas Instruments TPIC1021DG4 Datasheet HTML 2Page - Texas Instruments TPIC1021DG4 Datasheet HTML 3Page - Texas Instruments TPIC1021DG4 Datasheet HTML 4Page - Texas Instruments TPIC1021DG4 Datasheet HTML 5Page - Texas Instruments TPIC1021DG4 Datasheet HTML 6Page - Texas Instruments TPIC1021DG4 Datasheet HTML 7Page - Texas Instruments TPIC1021DG4 Datasheet HTML 8Page - Texas Instruments TPIC1021DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ti.com
Functional Block Diagram
RXD
TXD
NWake
INH
EN
LIN
GND
Driver
Slope Control
Receiver
Filter
Filter
2
1
8
3
4
7
6
5
VSUP
VSUP/2
Wake−Up
and
Vreg Control
Dominant
State
Timeout
Fault
Detection and
Protection
with
OPERATING STATES
Unpowered
System
Standby
Mode
Normal Mode
Low Power
Mode
A
C
A
B
EN = 1
EN = 1
EN = 0
A
LIN Bus Wake−UP
or
NWake Pin Wake−Up
VSUP < VSUP_under
TXD: off
RXD: LOW
IHN: HIGH (high
side switched on)
Term: 30 kW
TXD: on
RXD: LIN bus data
IHN: HIGH (high
side switched on)
Term: 30 kW
TXD: off
RXD: floating
IHN: high
impedance (high
side switched off)
Term: highW
A: VSUP < VSUP_under
B: VSUP > VSUP_unde, EN = 0
C:VSUP > VSUP_unde, EN = 1
TPIC1021
LIN Physical Interface
SLIS113C – OCTOBER 2004 – REVISED JULY 2005
Figure 1. Operating States Diagram
4


Similar Part No. - TPIC1021DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021AQDRQ1 TI1-TPIC1021AQDRQ1 Datasheet
290Kb / 20P
[Old version datasheet]   LIN PHYSICAL INTERFACE
More results

Similar Description - TPIC1021DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   LIN PHYSICAL INTERFACE
logo
Motorola, Inc
MC33661 MOTOROLA-MC33661 Datasheet
377Kb / 20P
   LIN Enhanced Physical Interface
logo
Texas Instruments
SN65HVDA195-Q1 TI1-SN65HVDA195-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   LIN AND MOST ECL PHYSICAL INTERFACE
logo
Freescale Semiconductor...
33399 FREESCALE-33399 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
logo
NXP Semiconductors
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
logo
Freescale Semiconductor...
MC33662LEF FREESCALE-MC33662LEF Datasheet
577Kb / 31P
   LIN 2.1 / SAEJ2602-2, LIN Physical Layer
MC33663 FREESCALE-MC33663 Datasheet
828Kb / 37P
   LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com