Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS75801KCG3 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS75801KCG3
Description  FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75801KCG3 Datasheet(HTML) 1 Page - Texas Instruments

  TPS75801KCG3 Datasheet HTML 1Page - Texas Instruments TPS75801KCG3 Datasheet HTML 2Page - Texas Instruments TPS75801KCG3 Datasheet HTML 3Page - Texas Instruments TPS75801KCG3 Datasheet HTML 4Page - Texas Instruments TPS75801KCG3 Datasheet HTML 5Page - Texas Instruments TPS75801KCG3 Datasheet HTML 6Page - Texas Instruments TPS75801KCG3 Datasheet HTML 7Page - Texas Instruments TPS75801KCG3 Datasheet HTML 8Page - Texas Instruments TPS75801KCG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
www.ti.com
FEATURES
DESCRIPTION
TPS75815
LOAD TRANSIENT RESPONSE
t −Time −
µs
TJ −Junction Temperature −_C
−40 −25 −10 5 20 35 50 65 80 85 110 125
0
20
40 60 80 100 120 140 160 180 200
250
200
150
100
50
0
150
100
50
0
−50
−100
−150
3
0
TPS75833
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE
1
2
3
4
5
EN
IN
GND
OUTPUT
FB/NC
EN
IN
GND
OUTPUT
FB/NC
1
2
3
4
5
TO−220 (KC) PACKAGE
(TOP VIEW)
TO−263 (KTT) PACKAGE
(TOP VIEW)
VO = 1.5 V
CO = 100 µF
IO = 3 A
VO = 3.3 V
di
dt
0.75 A
=
s
TPS75801
,, TPS758A01
TPS75815, TPS75818
TPS75825, TPS75833
SLVS330F – JUNE 2001 – REVISED APRIL 2007
FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
Quiescent current is 125
µA at full load and drops to
less than 1
µA when the device is disabled. The
• 3A Low-Dropout Voltage Regulator
TPS758xx
is
designed
to
have
fast
transient
• Available in 1.5V, 1.8V, 2.5V, and 3.3V
response for large load current changes.
Fixed-Output and Adjustable Versions
Because the PMOS device behaves as a low-value
• Dropout Voltage Typically 150mV at 3A
resistor, the dropout voltage is very low (typically
(TPS75833)
150mV at an output current of 3A for the TPS75833)
• V
REF and Pinout Compatible with MIC29302
and is directly proportional to the output current.
Additionally, since the PMOS pass element is a
(TPS758A01)
voltage-driven device, the quiescent current is very
• Low 125µA Typical Quiescent Current
low and independent of output loading (typically
• Fast Transient Response
125
µA over the full range of output current). These
• 3% Tolerance Over Specified Conditions for
two
key
specifications
yield
a
significant
improvement in operating life for battery-powered
Fixed-Output Versions
systems.
• Available in 5-Pin TO-220 and TO-263
Surface-Mount Packages
The
device
is
enabled
when
EN
(enable)
is
connected to a high voltage level (> 2V). Applying a
• Thermal Shutdown Protection
low voltage level (< 0.7V) to EN shuts down the
regulator, reducing the quiescent current to less than
1
µA at T
J = +25°C.
The TPS758xx family of 3A low dropout (LDO)
The TPS758xx is offered in 1.5V, 1.8V, 2.5V, and
regulators
contains
four
fixed
voltage
option
3.3V fixed-voltage versions and in an adjustable
regulators
and
an
adjustable
voltage
option
version (programmable over the range of 1.22V to
regulator. These devices are capable of supplying 3A
5V). Output voltage tolerance is specified as a
of
output
current
with
a
dropout
of
150mV
maximum of 3% over line, load, and temperature
(TPS75833). Therefore, the device is capable of
ranges. The TPS758xx family is available in a 5-pin
performing a 3.3V to 2.5V conversion.
TO-220 (KC) and TO-263 (KTT) packages.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS75801KCG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75801KC TI-TPS75801KC Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801KC TI1-TPS75801KC Datasheet
988Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75801KCG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75801 TI-TPS75801_15 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI1-TPS75801_16 Datasheet
988Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com