Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC556CNE4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC556CNE4
Description  DUAL LinCMOSE TIMERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC556CNE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC556CNE4 Datasheet HTML 6Page - Texas Instruments TLC556CNE4 Datasheet HTML 7Page - Texas Instruments TLC556CNE4 Datasheet HTML 8Page - Texas Instruments TLC556CNE4 Datasheet HTML 9Page - Texas Instruments TLC556CNE4 Datasheet HTML 10Page - Texas Instruments TLC556CNE4 Datasheet HTML 11Page - Texas Instruments TLC556CNE4 Datasheet HTML 12Page - Texas Instruments TLC556CNE4 Datasheet HTML 13Page - Texas Instruments TLC556CNE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TLC556, TLC556Y
DUAL LinCMOS
™ TIMERS
SLFS047B – FEBRUARY 1984 – REVISED SEPTEMBER 1997
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
0.1
µF
0.1
µF
CT
CL
RL
Output
RB
RA
GND
TRIG
THRES
RESET
DISCH
CONT
VDD
OUT
VDD
2/3 VDD
1/3 VDD
GND
tPHL
tPLH
tH
tL
CIRCUIT
TRIGGER AND THRESHOLD VOLTAGE WAVEFORM
TLC556
Figure 3. Astable Operation
Connecting the trigger input to the threshold input, as shown in Figure 3, causes the timer to run as a
multivibrator. The capacitor CT charges through RA and RB to the threshold voltage level (approximately 0.67
VDD) and then discharges through RB only to the value of the trigger voltage level (approximately 0.33 VDD).
The output is high during the charging cycle (tH) and low during the discharge cycle (tL). The duty cycle is
controlled by the values of RA, and RB, and CT, as shown in the equations below.
tH [ CT (RA ) RB) In 2 (In 2 + 0.693)
tL [ CT RB In 2
Period
+ t
H ) tL [ CT (RA ) 2RB)In 2
Output driver duty cycle
+
tL
tH ) tL
[ 1 *
RB
R
A )
2RB
Output waveform duty cycle
+
tH
tH ) tL
[
RB
R
A )
2RB
The 0.1-
µF capacitor at CONT in Figure 3 decreases the period by about 10%.
The formulas shown above do not allow for any propagation delay from the trigger and threshold inputs to the
discharge output. These delay times add directly to the period and create differences between calculated and
actual values that increase with frequency. In addition, the discharge output resistance ron adds to RB to provide
another source of error in the calculation when RB is very low or ron is very high.
The equations below provide better agreement with measured values.
tH + CT (RA ) RB)In
3
* exp
* t
PLH
CT (RB ) ron)
) t
PHL
tL + CT (RB ) ron)In
3
* exp
* t
PHL
CT (RA ) RB)
) t
PLH


Similar Part No. - TLC556CNE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC556CNE4 TI-TLC556CNE4 Datasheet
236Kb / 18P
[Old version datasheet]   DUAL LinCMOSE TIMERS
More results

Similar Description - TLC556CNE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC556 TI1-TLC556_16 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC556 TI-TLC556 Datasheet
236Kb / 18P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
[Old version datasheet]   LinCMOSE TIMERS
TLC551 TI-TLC551 Datasheet
277Kb / 16P
[Old version datasheet]   LinCMOSE TIMERS
TLC555 TI-TLC555 Datasheet
404Kb / 19P
[Old version datasheet]   LinCMOSE TIMERS
TLC555 TI1-TLC555_16 Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
TLC552C TI-TLC552C Datasheet
134Kb / 9P
[Old version datasheet]   DUAL LINCMOSE TIMER
TLC552 TI1-TLC552 Datasheet
473Kb / 13P
[Old version datasheet]   DUAL LINCMOSE TIMER
TLC552C TI-TLC552C_06 Datasheet
148Kb / 10P
[Old version datasheet]   DUAL LINCMOSE??TIMER
TLC252 TI-TLC252 Datasheet
330Kb / 21P
[Old version datasheet]   LinCMOSE DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com