Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4121CDGKG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # THS4121CDGKG4
Description  HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4121CDGKG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4121CDGKG4 Datasheet HTML 7Page - Texas Instruments THS4121CDGKG4 Datasheet HTML 8Page - Texas Instruments THS4121CDGKG4 Datasheet HTML 9Page - Texas Instruments THS4121CDGKG4 Datasheet HTML 10Page - Texas Instruments THS4121CDGKG4 Datasheet HTML 11Page - Texas Instruments THS4121CDGKG4 Datasheet HTML 12Page - Texas Instruments THS4121CDGKG4 Datasheet HTML 13Page - Texas Instruments THS4121CDGKG4 Datasheet HTML 14Page - Texas Instruments THS4121CDGKG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.ti.com
DATA CONVERTERS
VIN
-
+
-
+
DVDD
VOCM
AVSS
AVDD
AIN2
AIN1
3.3 V
Vref
3.3 V
VDD
0.1
µF
VDD
VIN
-
+
-
+
DVDD
VOCM
AVSS
AVDD
AIN2
AIN1
Vref
3.3 V
VDD
0.1
µF
VCC
RPU
VCC
RPU
R(g)
R(g)
VP
Rf
Rf
VOUT
VOUT
R
PU +
V
P
– V
DD
V
IN
– V
P
1
R
(g)
) VOUT – VP
1
R
f
(2)
THS4120
THS4121
SLOS319D – FEBRUARY 2001 – REVISED OCTOBER 2004
APPLICATION INFORMATION (continued)
Data converters are one of the most popular applications for the fully differential amplifiers.
Fully differential amplifiers can operate with a single supply. VOCM defaults to the midrail voltage, VDD/2. The
differential output may be fed into a data converter. This method eliminates the use of a transformer in the
circuit. If the ADC has a reference voltage output (Vref), then it is recommended to connect it directly to the VOCM
of the amplifier using a bypass capacitor for stability. For proper operation, the input common-mode voltage to
the input terminal of the amplifier should not exceed the common-mode input voltage range.
Figure 19. Differential Amplifier Using a Single Supply
Some single-supply applications may require the input voltage to exceed the common-mode input voltage range.
In such cases, the following circuit configuration is suggested to bring the common-mode input voltage within the
specifications of the amplifier.
Figure 20. Circuit With Improved Common-Mode Input Voltage
The following equation is used to calculate RPU:
11
Submit Documentation Feedback


Similar Part No. - THS4121CDGKG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4121CDGKR NSC-THS4121CDGKR Datasheet
1Mb / 31P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4121CDGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4140 TI-THS4140 Datasheet
523Kb / 24P
[Old version datasheet]   HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4130CDG4 TI-THS4130CDG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4130 TI-THS4130 Datasheet
569Kb / 27P
[Old version datasheet]   HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4131 NSC-THS4131 Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com