Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3061DGNG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # THS3061DGNG4
Description  LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3061DGNG4 Datasheet(HTML) 1 Page - Texas Instruments

  THS3061DGNG4 Datasheet HTML 1Page - Texas Instruments THS3061DGNG4 Datasheet HTML 2Page - Texas Instruments THS3061DGNG4 Datasheet HTML 3Page - Texas Instruments THS3061DGNG4 Datasheet HTML 4Page - Texas Instruments THS3061DGNG4 Datasheet HTML 5Page - Texas Instruments THS3061DGNG4 Datasheet HTML 6Page - Texas Instruments THS3061DGNG4 Datasheet HTML 7Page - Texas Instruments THS3061DGNG4 Datasheet HTML 8Page - Texas Instruments THS3061DGNG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Output Step – VPP
SLEW RATE
vs
OUTPUT STEP
G = 5
VCC = ±15
Rf = 375 Ω
TA = 25°C
0
1000
2000
3000
4000
5000
6000
7000
8000
0
5
10
15
20
25
VCC = ±15
100 k
1 M
10 M
100 M
G = 1
VCC = ±15 V
VCC = ±5 V
RL = 1 kΩ
Rf = 750 Ω
VO = 2VPP
f – Frequency – Hz
2nd HD
3rd HD
HARMONIC DISTORTION
vs
FREQUENCY
–100
–90
–80
–70
–60
–50
–40
–30
–20
THS3061
THS3062
www.ti.com
SLOS394B – JULY 2002 – REVISED NOVEMBER 2009
LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
Check for Samples: THS3061 THS3062
The THS3061 and THS3062 provide well-regulated
1
FEATURES
ac performance characteristics with power supplies
23
Unity Gain Bandwidth: 300 MHz
ranging from ±5-V operation up to ±15-V supplies.
0.1-dB Bandwidth: 120 MHz (G = 2)
Most notably, the 0.1-dB flat bandwidth is exceedingly
high, reaching beyond 100 MHz, and the THS306x
High Slew Rate: 7000 V/
μs
has less than 0.3 dB of peaking in the frequency
HD3 at 10 MHz: –81 dBc (G = 2, RL = 150 Ω)
response
when
configured
in
unity
gain.
The
High Output Current: ±145 mA into 50
unity-gain bandwidth of 300 MHz provides excellent
Power-Supply Voltage Range: ±5 V to ±15 V
distortion characteristics at 10 MHz. The flexibility of
the current-feedback design allows a 220-MHz, –3-dB
bandwidth in a gain of 10, indicating excellent
APPLICATIONS
performance even at high gains.
High-Speed Signal Processing
The
THS306x
consumes
8.3
mA
per-channel
Test and Measurement Systems
quiescent current at room temperature, and has the
VDSL Line Driver
capability of producing up to ±145 mA of output
High-Voltage ADC Preamplifier
current. The THS3061 is packaged in an 8-pin SOIC
Video Line Driver
and an 8-pin MSOP with PowerPAD™. The THS3062
is available in an 8-pin SOIC with PowerPAD and an
DESCRIPTION
8-pin MSP with PowerPAD.
The THS3061 (single) and THS3062 (dual) are
space
high-voltage,
high
slew-rate
current
feedback
amplifiers
utilizing
Texas
Instruments'
BICOM-1
RELATED DEVICES AND DESCRIPTIONS
process. Designed for low-distortion with a high slew
DEVICE
DESCRIPTION
rate of 7000 V/
μs, the THS306x amplifiers are ideally
Low Distortion
THS3001
suited for applications requiring large, linear output
Current-Feedback Amplifier
signals such as video line drivers and VDSL line
Dual Current-Feedback
THS3112
drivers.
Amplifier With 175 mA Drive
Dual Current-Feedback
THS3122
Amplifier With 350 mA Drive
Wideband Current-Feedback
OPA691
Amplifier with 350 mA Drive
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS3061DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3061DGNG4 TI1-THS3061DGNG4 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
More results

Similar Description - THS3061DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3061 TI1-THS3061_16 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3061 TI-THS3061 Datasheet
206Kb / 25P
[Old version datasheet]   LOW DISTORTION HIGH SLEW RATE CURRENT FREEBACK AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com