Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN7407 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN7407
Description  HEX BUFFERS DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN7407 Datasheet(HTML) 4 Page - Texas Instruments

  SN7407 Datasheet HTML 1Page - Texas Instruments SN7407 Datasheet HTML 2Page - Texas Instruments SN7407 Datasheet HTML 3Page - Texas Instruments SN7407 Datasheet HTML 4Page - Texas Instruments SN7407 Datasheet HTML 5Page - Texas Instruments SN7407 Datasheet HTML 6Page - Texas Instruments SN7407 Datasheet HTML 7Page - Texas Instruments SN7407 Datasheet HTML 8Page - Texas Instruments SN7407 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SN5407, SN5417, SN7407, SN7417
HEX BUFFERS/DRIVERS
WITH OPENCOLLECTOR HIGHVOLTAGE OUTPUTS
SDLS032G − DECEMBER 1983 − REVISED MAY 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
CL
(see Note A)
RL
Test Point
VCC
LOAD CIRCUIT
1.5 V
1.5 V
High-Level
Pulse
1.5 V
1.5 V
tw
Low-Level
Pulse
VOLTAGE WAVEFORMS
PULSE WIDTHS
NOTES: A. CL includes probe and jig capacitance.
B. In the examples above, the phase relationships between inputs and outputs have been chosen arbitrarily.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 7 ns, tf ≤ 7 ns.
D. The outputs are measured one at a time, with one input transition per measurement.
1.5 V
1.5 V
Input
tPLH
In-Phase
Output
3 V
0 V
1.5 V
1.5 V
VOH
VOL
tPHL
1.5 V
1.5 V
VOH
VOL
tPHL
tPLH
Out-of-Phase
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN7407

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN7407 TI-SN7407 Datasheet
80Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7407 TI-SN7407 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7407 TI1-SN7407 Datasheet
1Mb / 25P
[Old version datasheet]   Hex Buffers and Drivers With Open-Collector High-Voltage Outputs
SN7407D TI-SN7407D Datasheet
80Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7407D TI-SN7407D Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
More results

Similar Description - SN7407

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5407 TI-SN5407 Datasheet
80Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS07 TI-SN54LS07_91 Datasheet
52Kb / 4P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS07 TI-SN54LS07_08 Datasheet
513Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7417J TI-SN7417J Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
KODENSHI_AUK CORP.
KK7407 KODENSHI-KK7407 Datasheet
195Kb / 4P
   Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
logo
Texas Instruments
SN7407DE4 TI-SN7407DE4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Renesas Technology Corp
HD74LS07 RENESAS-HD74LS07 Datasheet
53Kb / 5P
   Hex Buffers / Drivers (With Open Collector High-Voltage Outputs)
logo
Integral Corp.
IN7407 INTEGRAL-IN7407 Datasheet
144Kb / 4P
   Hex Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
IK Semicon Co., Ltd
IN7407 IKSEMICON-IN7407 Datasheet
146Kb / 4P
   Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
logo
Texas Instruments
SN54LS07 TI-SN54LS07 Datasheet
327Kb / 11P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com