Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5614APHD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5614APHD
Description  150W STEREO / 300W MONO PurePath HD DIGITAL-INPUT POWER STAGE
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5614APHD Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5614APHD Datasheet HTML 5Page - Texas Instruments TAS5614APHD Datasheet HTML 6Page - Texas Instruments TAS5614APHD Datasheet HTML 7Page - Texas Instruments TAS5614APHD Datasheet HTML 8Page - Texas Instruments TAS5614APHD Datasheet HTML 9Page - Texas Instruments TAS5614APHD Datasheet HTML 10Page - Texas Instruments TAS5614APHD Datasheet HTML 11Page - Texas Instruments TAS5614APHD Datasheet HTML 12Page - Texas Instruments TAS5614APHD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
TAS5614A
www.ti.com
SLAS712B
– JUNE 2010 – REVISED MARCH 2011
AUDIO CHARACTERISTICS (PBTL)
Audio performance is recorded as a chipset consisting of a TAS5518 PWM Processor (modulation index limited to 97.7%)
and a TAS5614A power stage. PCB and system configurations are in accordance with recommended guidelines. Audio
frequency = 1kHz, PVDD_X = 36V, GVDD_X = 12V, RL = 2Ω, fS = 384kHz, ROC = 30kΩ, TC = 75°C,
Output Filter: LDEM = 7μH, CDEM = 1μF, MODE = 101-00, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP MAX UNIT
RL = 2Ω, 10%, THD+N
300
RL = 3Ω, 10%, THD+N
200
RL = 4Ω, 10%, THD+N
160
PO
Power output per channel
W
RL = 2Ω, 1% THD+N
250
RL = 3Ω, 1% THD+N
160
RL = 4Ω, 1% THD+N
130
THD+N
Total harmonic distortion + noise
1 W
0.03%
Vn
Output integrated noise
A-weighted, TAS5518 Modulator
128
μV
SNR
Signal to noise ratio(1)
A-weighted, TAS5518 Modulator
103
dB
A-weighted, input level
–60 dBFS using
DNR
Dynamic range
103
dB
TAS5518 modulator
Pidle
Power dissipation due to idle losses (IPVDD_X)
PO = 0, 4 channels switching
(2)
2.4
W
(1)
SNR is calculated relative to 1% THD-N output level.
(2)
Actual system idle losses are affected by core losses of output inductors.
ELECTRICAL CHARACTERISTICS
PVDD_X = 36V, GVDD_X = 12V, VDD = 12V, TC (Case temperature) = 75°C, fS = 384kHz, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
INTERNAL VOLTAGE REGULATOR AND CURRENT CONSUMPTION
Voltage regulator, only used as reference
VREG
VDD = 12V
3
3.3
3.6
V
node, VREG
VI_CM
Analog comparator reference node, VI_CM
1.5
1.75
1.9
V
Operating, 50% duty cycle
20
IVDD
VDD supply current
mA
Idle, reset mode
20
50% duty cycle
10
IGVDD_x
Gate-supply current per half-bridge
mA
Reset mode
1.5
50% duty cycle without output filter or
16.8
mA
load
IPVDD_x
Half-bridge idle current
Reset mode, No switching
620
μA
OUTPUT-STAGE MOSFETs
Drain-to-source resistance, low side (LS)
TJ = 25°C, excludes metallization
60
100
m
resistance,
RDS(on)
Drain-to-source resistance, high side (HS)
60
100
m
GVDD = 12V
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TAS5614A


Similar Part No. - TAS5614APHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5614APHD TI-TAS5614APHD Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614APHDR TI-TAS5614APHDR Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results

Similar Description - TAS5614APHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5614A TI-TAS5614A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A_15 Datasheet
1Mb / 31P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614 TI-TAS5614 Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI1-TAS5613A_16 Datasheet
2Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5613 TI-TAS5613 Datasheet
1Mb / 27P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI-TAS5613A_15 Datasheet
1Mb / 31P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630 TI-TAS5630 Datasheet
1Mb / 31P
[Old version datasheet]   300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5615 TI-TAS5615 Datasheet
1Mb / 30P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5615 TI-TAS5615_10 Datasheet
1Mb / 34P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com