Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGH23N60UF Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SGH23N60UF
Description  N-CHANNEL IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SGH23N60UF Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SGH23N60UF Datasheet HTML 1Page - Fairchild Semiconductor SGH23N60UF Datasheet HTML 2Page - Fairchild Semiconductor SGH23N60UF Datasheet HTML 3Page - Fairchild Semiconductor SGH23N60UF Datasheet HTML 4Page - Fairchild Semiconductor SGH23N60UF Datasheet HTML 5Page - Fairchild Semiconductor SGH23N60UF Datasheet HTML 6Page - Fairchild Semiconductor SGH23N60UF Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ELECTRICAL CHARACTERISTICS
(Tc=25
°C,Unless Otherwise Specified)
Characteristics
C - E Breakdown Voltage
Temperature Coeff. of
Breakdown Voltage
G - E threshold voltage
Collector cutoff Current
G - E leakage Current
Collector to Emitter
saturation voltage
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn on delay time
Turn on rise time
Turn off delay time
Turn off fall time
Turn on Switching Loss
Turn off Switching Loss
Total Switching Loss
Total Gate Charge
Gate-Emitter Charge
Gate-Collector Charge
Internal Emitter Inductance
Symbol
BV
CES
∆V
CES/
∆T
J
V
GE(th)
I
CES
I
GES
V
CE(sat)
Cies
Coes
Cres
td(on)
tr
td(off)
tf
Eon
Eoff
Ets
Qg
Qge
Qgc
Le
Min
600
-
4.0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Typ
-
0.6
5.5
-
-
1.95
2.6
720
65
26
12
20
55
100
0.11
0.19
0.3
48
11
14
7.5
Max
-
-
7.5
250
100
2.6
-
-
-
-
-
-
85
220
-
-
0.5
72
16
21
-
Units
V
V/
°C
V
uA
nA
V
V
pF
pF
pF
ns
ns
ns
ns
mJ
mJ
mJ
nC
nC
nC
nH
Test Conditions
V
GE = 0V , IC = 250uA
V
GE = 0V , IC = 1mA
I
C = 12mA , VCE = VGE
V
CE = VCES , VGE = 0V
V
GE = VGES , VCE = 0V
Ic=12A, V
GE = 15V
Ic=23A, V
GE = 15V
V
GE = 0V , f = 1MHz
V
CE = 30V
V
CC = 300V , IC = 12A
V
GE = 15V
R
G = 23Ω
Inductive Load
Vcc = 300V
V
GE = 15V
Ic = 12A
Measured 5mm from PKG
SGH23N60UF
N-CHANNEL IGBT


Similar Part No. - SGH23N60UF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH23N60UFD FAIRCHILD-SGH23N60UFD Datasheet
627Kb / 7P
   Ultra-Fast IGBT
SGH23N60UFDTU FAIRCHILD-SGH23N60UFDTU Datasheet
633Kb / 7P
   High Input Impedance
More results

Similar Description - SGH23N60UF

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JT015N065FED JSMC-JT015N065FED Datasheet
309Kb / 6P
   N-CHANNEL IGBT
logo
ON Semiconductor
NGTB30N60L2WG ONSEMI-NGTB30N60L2WG Datasheet
765Kb / 8P
   N-Channel IGBT
August, 2014
NGTG12N60TF1G ONSEMI-NGTG12N60TF1G Datasheet
395Kb / 7P
   N-Channel IGBT
October, 2013
TIG074E8 ONSEMI-TIG074E8 Datasheet
78Kb / 6P
   N-Channel IGBT
TIG056BF ONSEMI-TIG056BF Datasheet
223Kb / 6P
   N-Channel IGBT
July, 2013
NGTB10N60FG ONSEMI-NGTB10N60FG Datasheet
406Kb / 6P
   N-Channel IGBT
April, 2014
NGTG20N60L2TF1G ONSEMI-NGTG20N60L2TF1G Datasheet
403Kb / 7P
   N-Channel IGBT
September, 2013
TIG058E8 ONSEMI-TIG058E8 Datasheet
380Kb / 7P
   N-Channel IGBT
September, 2013
NGTB20N60L2TF1G ONSEMI-NGTB20N60L2TF1G Datasheet
444Kb / 8P
   N-Channel IGBT
August, 2013
TIG065E8 ONSEMI-TIG065E8 Datasheet
485Kb / 8P
   N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com