Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA128U-2K5 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA128U-2K5
Description  Precision, Low Power INSTRUMENTATION AMPLIFIERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA128U-2K5 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA128U-2K5 Datasheet HTML 6Page - Texas Instruments INA128U-2K5 Datasheet HTML 7Page - Texas Instruments INA128U-2K5 Datasheet HTML 8Page - Texas Instruments INA128U-2K5 Datasheet HTML 9Page - Texas Instruments INA128U-2K5 Datasheet HTML 10Page - Texas Instruments INA128U-2K5 Datasheet HTML 11Page - Texas Instruments INA128U-2K5 Datasheet HTML 12Page - Texas Instruments INA128U-2K5 Datasheet HTML 13Page - Texas Instruments INA128U-2K5 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
INA128
INA129
SBOS051B − OCTOBER 1995 − REVISED FEBRUARY 2005
www.ti.com
10
OFFSET TRIMMING
The INA128/INA129 is laser trimmed for low offset voltage
and offset voltage drift. Most applications require no
external offset adjustment. Figure 2 shows an optional
circuit for trimming the output offset voltage. The voltage
applied to Ref terminal is summed with the output. The op
amp buffer provides low impedance at the Ref terminal to
preserve good common-mode rejection.
10k
OPA177
100
100
1/2 REF200
1/2 REF200
V+
R
G
INA128
Ref
V
O
V
IN
V
IN
+
±10mV
Adjustment Range
V−
100
µA
100
µA
Figure 2. Optional Trimming of Output Offset
Voltage
INPUT BIAS CURRENT RETURN PATH
The input impedance of the INA128/INA129 is
extremely high—approximately 1010
Ω. However, a path
must be provided for the input bias current of both
inputs. This input bias current is approximately
±2nA.
High input impedance means that this input bias current
changes very little with varying input voltage.
Input circuitry must provide a path for this input bias
current for proper operation. Figure 3 shows various
provisions for an input bias current path. Without a bias
current path, the inputs will float to a potential which
exceeds the common-mode range, and the input
amplifiers will saturate.
If the differential source resistance is low, the bias
current return path can be connected to one input (see
the thermocouple example in Figure 3). With higher
source impedance, using two equal resistors provides
a balanced input with possible advantages of lower
input offset voltage due to bias current and better
high-frequency common-mode rejection.
47k
47k
10k
Microphone,
Hydrophone
etc.
Thermocouple
Center−tap provides
bias current return.
INA128
INA128
INA128
Figure 3. Providing an Input Common-Mode
Current Path
INPUT COMMON-MODE RANGE
The linear input voltage range of the input circuitry of the
INA128/INA129 is from approximately 1.4V below the
positive supply voltage to 1.7V above the negative
supply. As a differential input voltage causes the output
voltage increase, however, the linear input range will be
limited by the output voltage swing of amplifiers A1 and
A2. So the linear common-mode input range is related
to the output voltage of the complete amplifier. This
behavior also depends on supply voltage—see
performance curves, Input Common-Mode Range vs
Output Voltage.
Input-overload can produce an output voltage that
appears normal. For example, if an input overload
condition drives both input amplifiers to their positive
output swing limit, the difference voltage measured by
the output amplifier will be near zero. The output of A3
will be near 0V even though both inputs are overloaded.
LOW VOLTAGE OPERATION
The INA128/INA129 can be operated on power supplies
as low as
±2.25V. Performance remains excellent with
power supplies ranging from
±2.25V to ±18V. Most
parameters vary only slightly throughout this supply
voltage range—see typical performance curves.


Similar Part No. - INA128U-2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA128U BURR-BROWN-INA128U Datasheet
245Kb / 10P
   Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Texas Instruments
INA128U TI1-INA128U Datasheet
1Mb / 29P
[Old version datasheet]   INA12x Precision, Low Power Instrumentation Amplifiers
INA128U/2K5 TI1-INA128U/2K5 Datasheet
1Mb / 29P
[Old version datasheet]   INA12x Precision, Low Power Instrumentation Amplifiers
INA128U/2K5G4 TI1-INA128U/2K5G4 Datasheet
1Mb / 29P
[Old version datasheet]   INA12x Precision, Low Power Instrumentation Amplifiers
logo
Burr-Brown (TI)
INA128UA BURR-BROWN-INA128UA Datasheet
245Kb / 10P
   Precision, Low Power INSTRUMENTATION AMPLIFIERS
More results

Similar Description - INA128U-2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
[Old version datasheet]   Precision, Low-Power Instrumentation Amplifiers
logo
Burr-Brown (TI)
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
   Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Texas Instruments
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   Precision, Low Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA128 TI1-INA128_15 Datasheet
1Mb / 29P
[Old version datasheet]   INA12x Precision, Low Power Instrumentation Amplifiers
INA128-HT TI-INA128-HT_15 Datasheet
750Kb / 30P
[Old version datasheet]   INA12x-HT Precision, Low-Power Instrumentation Amplifiers
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
   Precision, Low-Noise JFET Instrumentation Amplifiers
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com