Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CF384AMTDX Datasheet(PDF) 5 Page - Texas Instruments

Part # DS90CF384AMTDX
Description  DS90CF384A/DS90CF364A 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link - 65 MHz
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CF384AMTDX Datasheet(HTML) 5 Page - Texas Instruments

  DS90CF384AMTDX Datasheet HTML 1Page - Texas Instruments DS90CF384AMTDX Datasheet HTML 2Page - Texas Instruments DS90CF384AMTDX Datasheet HTML 3Page - Texas Instruments DS90CF384AMTDX Datasheet HTML 4Page - Texas Instruments DS90CF384AMTDX Datasheet HTML 5Page - Texas Instruments DS90CF384AMTDX Datasheet HTML 6Page - Texas Instruments DS90CF384AMTDX Datasheet HTML 7Page - Texas Instruments DS90CF384AMTDX Datasheet HTML 8Page - Texas Instruments DS90CF384AMTDX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DS90CF364A, DS90CF384A
www.ti.com
SNLS040I – JUNE 2000 – REVISED APRIL 2013
(1)
The worst case test pattern produces a maximum toggling of digital circuits, LVDS I/O and CMOS/TTL I/O.
(2)
The 16 grayscale test pattern tests device power consumption for a “typical” LCD display pattern. The test pattern
approximates signal switching needed to produce groups of 16 vertical stripes across the display.
(3)
Figure 3 and Figure 5 show a falling edge data strobe (TxCLK IN/RxCLK OUT).
(4)
Recommended pin to signal mapping. Customer may choose to define differently.
Figure 4. “16 Grayscale” Test Pattern (DS90CF384A)
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS90CF364A DS90CF384A


Similar Part No. - DS90CF384AMTDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CF384AMTDX/NOPB TI1-DS90CF384AMTDX/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65MHz
More results

Similar Description - DS90CF384AMTDX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CF384A NSC-DS90CF384A Datasheet
784Kb / 16P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90CF384AQ TI1-DS90CF384AQ_15 Datasheet
1Mb / 18P
[Old version datasheet]   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65 MHz
logo
National Semiconductor ...
DS90CF386 NSC-DS90CF386 Datasheet
302Kb / 16P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-85 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-85 MHz
logo
Texas Instruments
DS90CF384AQ TI1-DS90CF384AQ Datasheet
306Kb / 12P
[Old version datasheet]   DS90CF384AQ 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65 MHz
logo
National Semiconductor ...
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF366 NSC-DS90CF366_06 Datasheet
781Kb / 16P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-85MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-85MHz
DS90CF364A NSC-DS90CF364A_07 Datasheet
439Kb / 18P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com