Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS32ELX0421SQ Datasheet(PDF) 10 Page - Texas Instruments

Part # DS32ELX0421SQ
Description  5-bit DDR LVDS Parallel Data Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS32ELX0421SQ Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS32ELX0421SQ Datasheet HTML 6Page - Texas Instruments DS32ELX0421SQ Datasheet HTML 7Page - Texas Instruments DS32ELX0421SQ Datasheet HTML 8Page - Texas Instruments DS32ELX0421SQ Datasheet HTML 9Page - Texas Instruments DS32ELX0421SQ Datasheet HTML 10Page - Texas Instruments DS32ELX0421SQ Datasheet HTML 11Page - Texas Instruments DS32ELX0421SQ Datasheet HTML 12Page - Texas Instruments DS32ELX0421SQ Datasheet HTML 13Page - Texas Instruments DS32ELX0421SQ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Symbol N
Symbol N+3
Symbol N+1
Symbol N+2
Symbol N+4
Symbol N
Symbol N-1
Symbol N-2
Symbol N-3
Symbol N-4
TXCLK
TXN
TXOUT
tSD
TxIN
TxCLKIN
Programmable
Delay Clock
(Internal)
tHTC
tSTC
Valid Data
Window
tCIP/2
Clock Delay
(Programmable)
TXCLK
TXn
Setup
Hold
tCIL, tCIH
tCIP/2
tSTC
tHTC
+100 mV
-100 mV
0V
0V
DS32EL0421, DS32ELX0421
SNLS282F – MAY 2008 – REVISED APRIL 2013
www.ti.com
Figure 3. Serializer (LVDS Interface) Setup/Hold and High/Low Times
Figure 4. LVDS Input Clock Delay
Figure 5. Propagation Delay Timing Diagram
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: DS32EL0421 DS32ELX0421


Similar Part No. - DS32ELX0421SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS32ELX0421SQE/NOPB TI1-DS32ELX0421SQE/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   DS32EL0421 , DS32ELX0421 125 - 312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
More results

Similar Description - DS32ELX0421SQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS32EL0421_0807 NSC-DS32EL0421_0807 Datasheet
536Kb / 26P
   125 - 312.5 MHz Serializer with DDR LVDS Parallel LVDS Interface
DS32EL0421 NSC-DS32EL0421 Datasheet
522Kb / 26P
   125 - 312.5 MHz Serializer with DDR LVDS Parallel LVDS Interface
DS32EL0124_0807 NSC-DS32EL0124_0807 Datasheet
490Kb / 26P
   125 MHz . 312.5 MHz Deserializer with DDR LVDS Parallel Interface
DS32EL0124 NSC-DS32EL0124 Datasheet
459Kb / 24P
   125 MHz - 312.5 MHz Deserializer with DDR LVDS Parallel Interface
DS32EL0421 NSC-DS32EL0421_09 Datasheet
1Mb / 28P
   125-312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
logo
Mitsubishi Electric Sem...
M54610P MITSUBISHI-M54610P Datasheet
189Kb / 9P
   8-BIT PARALLEL DATA INTERFACE FOR PRINTER
logo
National Semiconductor ...
DS32EL0124 NSC-DS32EL0124_09 Datasheet
1Mb / 28P
   125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
logo
Texas Instruments
DS32EL0421 TI1-DS32EL0421_15 Datasheet
2Mb / 32P
[Old version datasheet]   DS32EL0421 , DS32ELX0421 125 - 312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
DS32EL0124 TI1-DS32EL0124_15 Datasheet
2Mb / 34P
[Old version datasheet]   DS32EL0124 , DS32ELX0124 125 MHz - 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
logo
Fujitsu Component Limit...
MB89255A FUJITSU-MB89255A Datasheet
113Kb / 1P
   PARALLEL DATA I/O INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com