Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS32EL0421SQX Datasheet(PDF) 11 Page - Texas Instruments

Part # DS32EL0421SQX
Description  5-bit DDR LVDS Parallel Data Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS32EL0421SQX Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS32EL0421SQX Datasheet HTML 7Page - Texas Instruments DS32EL0421SQX Datasheet HTML 8Page - Texas Instruments DS32EL0421SQX Datasheet HTML 9Page - Texas Instruments DS32EL0421SQX Datasheet HTML 10Page - Texas Instruments DS32EL0421SQX Datasheet HTML 11Page - Texas Instruments DS32EL0421SQX Datasheet HTML 12Page - Texas Instruments DS32EL0421SQX Datasheet HTML 13Page - Texas Instruments DS32EL0421SQX Datasheet HTML 14Page - Texas Instruments DS32EL0421SQX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Current Cycle
Previous Cycle
Next Cycle
Input Transmit Clock
A0
A1
A2
A3
B0
B1
B2
B3
C0
C1
C2
C3
D0
D1
D2
D3
E0
E1
E2
E3
LVDS Data-0
LVDS Data-1
LVDS Data-2
LVDS Data-3
LVDS Data-4
Serialized CML Output
First Bit Out
Last Bit Out
DS32EL0421, DS32ELX0421
www.ti.com
SNLS282F – MAY 2008 – REVISED APRIL 2013
Figure 6. 5-Bit Parallel LVDS Inputs Mapped to CML Output
FUNCTIONAL DESCRIPTION
POWER SUPPLIES
The DS32EL0421 and DS32ELX0421 have several power supply pins, at 2.5V as well as 3.3V. It is important
that these pins all be connected and properly bypassed. Bypassing should consist of parallel 4.7
μF and 0.1μF
capacitors as a minimum, with a 0.1
μF capacitor on each power pin. A 22 μF capacitor is required on the
VDDPLL pin which is connected to the 3.3V rail.
These devices have a large contact in the center on the bottom of the package. This contact must be connected
to the system GND as it is the major ground connection for the device.
POWER UP
It is recommended, although not necessary, to bring up the 3.3V power supply before the 2.5V supply. If the 2.5V
supply is powered up first, an initial current draw of approximately 600mA from the 2.5V rail may occur before
settling to its final value. Regardless of the sequence, both power rails should monotonically ramp up to their final
values.
POWER MANAGEMENT
These devices have two methods to reduce power consumption. To enter the first power save mode, the on
board host FPGA or controlling device can cease to output the DDR transmit clock. To further reduce power
consumption, write 40'h to register 26'h and 10'h to register 01'h. This will put the device in its lowest power
consumption mode.
RESET
There are three ways to reset these devices. A reset occurs automatically during power-up. The device can also
be reset by pulling the RESET pin low, with normal operation resuming when the pin is driven high again. The
device can also be reset by writing to the reset register. This reset will put all of the register values back to their
default values, except it will not affect the address register value if the SMBus default address has been
changed.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DS32EL0421 DS32ELX0421


Similar Part No. - DS32EL0421SQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS32EL0421SQX/NOPB TI1-DS32EL0421SQX/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   DS32EL0421 , DS32ELX0421 125 - 312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
More results

Similar Description - DS32EL0421SQX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS32EL0421_0807 NSC-DS32EL0421_0807 Datasheet
536Kb / 26P
   125 - 312.5 MHz Serializer with DDR LVDS Parallel LVDS Interface
DS32EL0421 NSC-DS32EL0421 Datasheet
522Kb / 26P
   125 - 312.5 MHz Serializer with DDR LVDS Parallel LVDS Interface
DS32EL0124_0807 NSC-DS32EL0124_0807 Datasheet
490Kb / 26P
   125 MHz . 312.5 MHz Deserializer with DDR LVDS Parallel Interface
DS32EL0124 NSC-DS32EL0124 Datasheet
459Kb / 24P
   125 MHz - 312.5 MHz Deserializer with DDR LVDS Parallel Interface
DS32EL0421 NSC-DS32EL0421_09 Datasheet
1Mb / 28P
   125-312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
logo
Mitsubishi Electric Sem...
M54610P MITSUBISHI-M54610P Datasheet
189Kb / 9P
   8-BIT PARALLEL DATA INTERFACE FOR PRINTER
logo
National Semiconductor ...
DS32EL0124 NSC-DS32EL0124_09 Datasheet
1Mb / 28P
   125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
logo
Texas Instruments
DS32EL0421 TI1-DS32EL0421_15 Datasheet
2Mb / 32P
[Old version datasheet]   DS32EL0421 , DS32ELX0421 125 - 312.5 MHz FPGA-Link Serializer with DDR LVDS Parallel Interface
DS32EL0124 TI1-DS32EL0124_15 Datasheet
2Mb / 34P
[Old version datasheet]   DS32EL0124 , DS32ELX0124 125 MHz - 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
logo
Fujitsu Component Limit...
MB89255A FUJITSU-MB89255A Datasheet
113Kb / 1P
   PARALLEL DATA I/O INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com