Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2165C21BMR-G Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC2165C21BMR-G
Description  ICs for use with low voltage Crystal Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2165C21BMR-G Datasheet(HTML) 4 Page - Torex Semiconductor

  XC2165C21BMR-G Datasheet HTML 1Page - Torex Semiconductor XC2165C21BMR-G Datasheet HTML 2Page - Torex Semiconductor XC2165C21BMR-G Datasheet HTML 3Page - Torex Semiconductor XC2165C21BMR-G Datasheet HTML 4Page - Torex Semiconductor XC2165C21BMR-G Datasheet HTML 5Page - Torex Semiconductor XC2165C21BMR-G Datasheet HTML 6Page - Torex Semiconductor XC2165C21BMR-G Datasheet HTML 7Page - Torex Semiconductor XC2165C21BMR-G Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4/8
XC2165 Series
PARAMETER
SYMBOL
FUNCTION
MIN.
TYP.
MAX.
UNIT
CIRCUIT
Output Rise Time
tr
VDD=1.8V, CL=15pF (10% to 90%)
-
-
6.5
(*)
ns
-
Output Fall Time
tf
VDD=1.8V, CL=15pF (10% to 90%)
-
-
6.5
(*)
ns
-
Duty Cycle
DUTY
CL=15pF @ 0.5VDD
40
-
60
%
7
Output Start Time
ton
f0=8MHz
-
-
4.0
(*)
ms
-
PARAMETER
SYMBOL
FUNCTION
MIN.
TYP.
MAX.
UNIT
CIRCUIT
Operating Voltage
VDD
1.5
1.8
3.6
V
-
Crystal Oscillation Frequency
fo
8
-
70
MHz
-
XC2165C21Axx
8
-
70
XC2165C22Axx
4
-
35
XC2165C24Axx
2
-
17.5
Output Frequency
fOSC
MIN:f0=8MHz,
MAX:f0=70MHz,
CL=15pF
XC2165C28Axx
1
-
8.75
MHz
-
‘H’ Level Input Voltage
VIH
/INH pin
0.7VDD
-
-
V
1
‘L’ Level Input Voltage
VIL
/INH pin
-
-
0.3VDD
V
1
‘H’ Level Output Voltage
VOH
Q0 pin, VDD=1.5V, IOH= - 2.0mA
1.0
1.1
-
V
2
‘L’ Level Output Voltage
VOL
Q0 pin, VDD=1.5V, IOL= 2.0mA
-
0.3
0.4
V
2
XC2165C21Axx
-
5.0
10.0
XC2165C22Axx
-
3.5
7.0
XC2165C24Axx
-
3.0
6.0
Supply Current 1
IDD1
/INH =Open,
CL=15pF
XC2165C28Axx
-
2.5
6.0
mA
3
Supply Current 2
IDD2
/INH = 'L', f0 = 70MHz, CL=15pF
-
15
30
μA
3
Input Pull-Up Resistance 1
Rup1
/INH = ‘L’
0.8
2.0
6.0
4
Input Pull-Up Resistance 2
Rup2
/INH = 0.7VDD
20.0
50.0
150.0
4
Cg
-
10
(*)
-
pF
-
Internal Oscillation Capacity
Cd
-
10
(*)
-
pF
-
Internal Oscillation
Feedback Resistance
Rf
1.2
3.0
5.5
5
Output Off Leak Current
Ioz
VDD=3.6V, /INH = ‘L’
-
-
1.0
μA
6
■DC ELECTRICAL CHARACTERISTICS
XC2165C2xAxx
1.8V Operation (Unless otherwise stated, VDD = 1.8V, f0=70MHz, No Load, Ta = - 40℃ ~ + 85℃)
XC2165C2xAxx
1.8V Operation (Unless otherwise stated, VDD = 1.8V, f0=70MHz, CL=15pF, Ta = - 40℃ ~ + 85℃)
(*) Designed value
■AC ELECTRICAL CHARACTERISTICS
(*) Designed value


Similar Part No. - XC2165C21BMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2165C21BMR TOREX-XC2165C21BMR Datasheet
149Kb / 7P
   ICs for use with low voltage Crystal Oscillators
More results

Similar Description - XC2165C21BMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2165 TOREX-XC2165_15 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2165 TOREX-XC2165_1 Datasheet
149Kb / 7P
   ICs for use with low voltage Crystal Oscillators
XC2165 TOREX-XC2165 Datasheet
228Kb / 6P
   ICs for use with low voltage Crystal Oscillators
XC2165-12 TOREX-XC2165-12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com