Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4344PA Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA4344PA
Description  LOW POWER, SINGLE-SUPPLY,RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4344PA Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA4344PA Datasheet HTML 2Page - Texas Instruments OPA4344PA Datasheet HTML 3Page - Texas Instruments OPA4344PA Datasheet HTML 4Page - Texas Instruments OPA4344PA Datasheet HTML 5Page - Texas Instruments OPA4344PA Datasheet HTML 6Page - Texas Instruments OPA4344PA Datasheet HTML 7Page - Texas Instruments OPA4344PA Datasheet HTML 8Page - Texas Instruments OPA4344PA Datasheet HTML 9Page - Texas Instruments OPA4344PA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.ti.com
OPA344, 2344, 4344
OPA345, 2345, 4345
6
SBOS107A
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VS = +5V, and RL = 10kΩ connected to VS/2, unless otherwise noted.
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
20
Frequency (Hz)
100
1k
10k
20k
1
0.1
0.010
0.001
OPA344: G = 1
OPA345: G = 5
OPEN-LOOP GAIN, COMMON-MODE REJECTION RATIO,
AND POWER-SUPPLY REJECTION vs TEMPERATURE
A
OL
–75
Temperature (
°C)
–25
0
25
–50
50
125
75
100
140
120
100
80
60
40
20
0
CMRR
PSRR
INPUT BIAS CURRENT vs TEMPERATURE
–75
Temperature (
°C)
–25
0
25
–50
100
50
75
125
10000
1000
100
10
1
0.1
QUIESCENT CURRENT AND
SHORT-CIRCUIT CURRENT vs TEMPERATURE
–75
–50
0
Temperature (
°C)
25
50
100
I
Q
+I
SC
–I
SC
75
–25
125
200
175
150
135
100
75
50
25
0
40
35
30
25
20
15
10
5
0
SLEW RATE vs TEMPERATURE
–75
Temperature (
°C)
25
0
SR–
SR–
SR+
SR+
75
50
–25
–50
125
100
3.0
2.5
2.0
1.5
1.0
0.5
0
OPA345
OPA344
INPUT BIAS CURRENT
vs COMMON-MODE VOLTAGE
–1
Common-Mode Voltage (V)
01
2
4
35
6
6
4
2
0
–2
–4
–6
V+
Supply
V–
Supply
Input voltage
≤ –0.3V
can cause op amp output
to lock up. See text.


Similar Part No. - OPA4344PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4344PA BURR-BROWN-OPA4344PA Datasheet
243Kb / 11P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
National Semiconductor ...
OPA4344PA NSC-OPA4344PA Datasheet
1Mb / 29P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA4344PA TI1-OPA4344PA Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA4344PAG4 NSC-OPA4344PAG4 Datasheet
1Mb / 29P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA4344PAG4 TI1-OPA4344PAG4 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4344PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA344 NSC-OPA344 Datasheet
1Mb / 29P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Burr-Brown (TI)
OPA344 BURR-BROWN-OPA344 Datasheet
243Kb / 11P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com