Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1750P Datasheet(PDF) 10 Page - Texas Instruments

Part # PCM1750P
Description  Dual CMOS 18-Bit Monolithic Audio NALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1750P Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM1750P Datasheet HTML 6Page - Texas Instruments PCM1750P Datasheet HTML 7Page - Texas Instruments PCM1750P Datasheet HTML 8Page - Texas Instruments PCM1750P Datasheet HTML 9Page - Texas Instruments PCM1750P Datasheet HTML 10Page - Texas Instruments PCM1750P Datasheet HTML 11Page - Texas Instruments PCM1750P Datasheet HTML 12Page - Texas Instruments PCM1750P Datasheet HTML 13Page - Texas Instruments PCM1750P Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
®
PCM1750
10
A Gain Change
Rotates
Transfer
Function
Offset Change
Shifts
Transfer
Function
1FFFF
H
1FFFE
H
00001
00000
H
3FFFF
H
20001
H
20000
H
* Gain drift (mostly due to reference drift) rotates the transfer function
around the bipolar zero code (00000
).
NOTE: As the power supply voltages change (mostly due to the +V
supply), the transfer function rotates around BPZ. See the power
supply rejection specification in the spec table.
0.00V
+2.749979
–20.98µV
–2.75
HEX
H
bit-1. The switches of the CDAC and the switches of the
TDAC operate concurrently with each other, that is, when a
decision is made to keep or reject bit-1, the same decision is
made for the correction voltage for bit-1. Even though the
ratio stability of the nichrome resistors used in the TDAC
may not be as good as the poly capacitors, it is inconsequen-
tial because the correction voltage of each bit has a limited
range of adjustment.
The DLE at the major carry (a code change from 111...111
to 000...000; in binary two’s complement coding) is typi-
cally
±1/2 LSB at the 16-bit level, which is sufficient to
provide 90dB SNR and –30dB low level distortion (–60dB
input). For applications requiring less DLE at the major
carry, a pin is provided for each channel to make an external
MSB adjustment.
DISCUSSION
OF SPECIFICATIONS
RESOLUTION AND DYNAMIC RANGE
The theoretical resolution of the PCM1750 is 18-bits. The
maximum possible number of output codes or counts at 18-
bits is 262,144 or 108dB (calculated by raising 2 to the 18th
power). The relative accuracy of any A/D converter, how-
ever, is more a function of it’s absolute linearity and signal-
to-noise ratio than how many bits of resolution it has. These
more pertinent specifications are described later in this
section.
Dynamic range, as it is usually defined for digital audio
converters, is the measure of THD+N at an effective input
signal level of –60dB referred to 0dB. For the PCM1750 this
value is typically 90dB and a minimum of 88dB (for audio
bandwidth = 20Hz to 24kHz, THD+N at –60db = –30 db typ,
–28dB max; fIN = 1kHz and fS = 192kHz). Resolution is also
commonly used as a theoretical measure of dynamic range,
but it does not take into account the effects of distortion and
noise at low signal levels.
ANALOG INPUT RANGE
The analog input range for the PCM1750 is a bipolar
±2.75V
(nominal). Table I gives the precise input/output and volt-
age/code relationships for the PCM1750. Figure 5 shows
these same relationships in a graphical format. It should be
noted that the computed voltage input levels represent center
values (the midpoint between code transitions). Output cod-
ing is in binary two’s complement.
DIGITAL OUTPUT
ANALOG INPUT
VOLTAGE INPUT
262144 LSBs
Full Scale Range
5.50000000V
1 LSB
Minimum Step Size
20.98083496
µV
1FFFFHEX
+Full Scale
+2.74997902V
00000HEX
Bipolar Zero
0.00000000V
3FFFFHEX
Bipolar Zero –1LSB
–0.00002098V
20000HEX
–Full Scale
–2.75000000V
TABLE I. Analog Input to Digital Output Relationships.
From Figure 5, the effects of offset and gain errors can be
visualized. These errors can change value in response to
changes in temperature and/or supply voltage. In addition,
gain error (or the full scale range, FSR) changes in direct
proportion to the VREFIN voltage value.
SAMPLE AND HOLD PARAMETERS
Aperture Delay and Uncertainty
Aperture delay is the time required to switch from the
SAMPLE to HOLD mode. This time is typically 10ns for the
PCM1750 and it is constant. Aperture uncertainty (jitter) is
the amount of uncertainty associated with the aperture delay.
Aperture uncertainty affects the overall accuracy of the
converter and is greatest at the maximum input frequency of
the converter. The formula for determining the maximum
input frequency (fMAX) for a given error contribution due to
aperture uncertainty is: fMAX=(2 X π X tjitter X 2N)–1 where
tjitter is the RMS aperture uncertainty and 2N is the desired
SNR (signal-to-noise ratio) expressed in total number of
quantization levels. A 15-bit SNR, therefore, would be
expressed as 215 or 32768. Using the typical PCM1750
aperture jitter of 50psrms and an SNR at the 15-bit level, fMAX
= (2 X
π X 50ps X 32768)–1 or 97.1kHz. This matches very
closely with the rated dynamic accuracy of the PCM1750
where THD+N = –88dB max. This means the typical aper-
ture jitter of PCM1750 only becomes a factor when input
signals to it exceed 97kHz and/or an SNR greater than 15
bits is desired.
Input Bandwidth
The full power bandwidth of the PCM1750 is that input
frequency above which significant distortion is observed
(THD+N > 10-bits or –60dB for a full scale input signal). In
the data sheet, this number is specified as typically being
500kHz. In wideband operation (when no digital filter is
used) the additional full power bandwidth of the PCM1750
FIGURE 5. Analog Input to Digital Output Diagram.


Similar Part No. - PCM1750P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1750P BURR-BROWN-PCM1750P Datasheet
240Kb / 18P
   Dual CMOS 18-Bit Monolithic Audio ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
PCM1750P TI1-PCM1750P Datasheet
236Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1750P TI1-PCM1750P_13 Datasheet
236Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - PCM1750P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1750P BURR-BROWN-PCM1750P Datasheet
240Kb / 18P
   Dual CMOS 18-Bit Monolithic Audio ANALOG-TO-DIGITAL CONVERTER
PCM1700U BURR-BROWN-PCM1700U Datasheet
63Kb / 5P
   Dual 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM58P BURR-BROWN-PCM58P Datasheet
64Kb / 6P
   Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM66P BURR-BROWN-PCM66P Datasheet
92Kb / 7P
   16-Bit CMOS Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM61P BURR-BROWN-PCM61P Datasheet
115Kb / 4P
   Serial Input 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM64P BURR-BROWN-PCM64P Datasheet
470Kb / 4P
   18 BIT AUDIO DIGITAL TO ANALOG CONVERTER
PCM63P BURR-BROWN-PCM63P Datasheet
254Kb / 10P
   Colinear??20-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
logo
NEC
UPD63200 NEC-UPD63200 Datasheet
655Kb / 18P
   DIGITAL AUDIO 18 BIT D/A CONVERTER
logo
Burr-Brown (TI)
PCM67P BURR-BROWN-PCM67P Datasheet
95Kb / 13P
   Advanced 1-Bit BiCMOS Dual 18-Bit DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
TMS57014A TI-TMS57014A Datasheet
227Kb / 16P
[Old version datasheet]   DUAL AUDIO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com