Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA241UAE4 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA241UAE4
Description  Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA241UAE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA241UAE4 Datasheet HTML 6Page - Texas Instruments OPA241UAE4 Datasheet HTML 7Page - Texas Instruments OPA241UAE4 Datasheet HTML 8Page - Texas Instruments OPA241UAE4 Datasheet HTML 9Page - Texas Instruments OPA241UAE4 Datasheet HTML 10Page - Texas Instruments OPA241UAE4 Datasheet HTML 11Page - Texas Instruments OPA241UAE4 Datasheet HTML 12Page - Texas Instruments OPA241UAE4 Datasheet HTML 13Page - Texas Instruments OPA241UAE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
®
OPA241, 2241, 4241
OPA251, 2251, 4251
R
L
10
A1
OPA241
+
R
1
38.3k
R
3
38.3k
R
5
383k
R
6
10k
R
7
9.09k
R
4
20k
R
2
19.1k
A2
OPA241
R
8
100k
R
H
10
I
H
V+
V–
V+
V–
2.7V to ±15V
V+ for A
1, A2
–In
+In
–In
+In
V
O = 10 • IH • RH
To Load
To Load
V
O = 10 • IL • RL
Common-mode range of A2
extends to V– for low-side sensing.
Optional for I
B Cancellation
(R
7 = R6 II R8)
R
2 and R4 divide down the
common-mode input to A1.
Low-Side
Current Sense
High-Side
Current Sense
Out
Out
NOTE: Low and high-side sensing circuits can be used independently.
V– for A
1, A2
I
L
FIGURE 5. Low and High-Side Battery Current Sensing.
R
S
5k
OPA241
C
L
V
IN
V
OUT
FIGURE 4. Series Resistor in Unity Gain Configuration Improves Capacitive Load Drive.


Similar Part No. - OPA241UAE4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA241UAE4 NSC-OPA241UAE4 Datasheet
1,005Kb / 21P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA241UAE4 TI1-OPA241UAE4 Datasheet
1Mb / 23P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA241UAE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA251 BURR-BROWN-OPA251 Datasheet
217Kb / 12P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA251 NSC-OPA251 Datasheet
1,005Kb / 21P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2251UA-2K5G4 TI-OPA2251UA-2K5G4 Datasheet
1,004Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
OPA241 TI1-OPA241 Datasheet
1Mb / 23P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com