Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA343UAG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA343UAG4
Description  SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA343UAG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA343UAG4 Datasheet HTML 5Page - Texas Instruments OPA343UAG4 Datasheet HTML 6Page - Texas Instruments OPA343UAG4 Datasheet HTML 7Page - Texas Instruments OPA343UAG4 Datasheet HTML 8Page - Texas Instruments OPA343UAG4 Datasheet HTML 9Page - Texas Instruments OPA343UAG4 Datasheet HTML 10Page - Texas Instruments OPA343UAG4 Datasheet HTML 11Page - Texas Instruments OPA343UAG4 Datasheet HTML 12Page - Texas Instruments OPA343UAG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
OPA343, 2343, 4343
9
SBOS090A
5k
OPAx343
10mA max
V+
V
IN
V
OUT
I
OVERLOAD
more than 500mV can cause excessive current to flow in or
out of the input pins. Momentary voltages greater than
500mV beyond the power supply can be tolerated if the
current on the input pins is limited to 10mA. This is easily
accomplished with an input resistor, as shown in Figure 3.
Many input signals are inherently current-limited to less
than 10mA, therefore, a limiting resistor is not required.
capacitive load reacts with the op amp’s output resistance,
along with any additional load resistance, to create a pole in
the small-signal response which degrades the phase margin.
In unity gain, OPA343 series op amps perform well, with a
pure capacitive load up to approximately 1000pF. Increasing
gain enhances the amplifier’s ability to drive more capaci-
tance. See the typical performance curve “Small-Signal
Overshoot vs Capacitive Load.”
One method of improving capacitive load drive in the unity
gain configuration is to insert a 10
Ω to 20Ω resistor in series
with the output, as shown in Figure 4. This significantly
reduces ringing with large capacitive loads. However, if
there is a resistive load in parallel with the capacitive load,
RS creates a voltage divider. This introduces a dc error at the
output and slightly reduces output swing. This error may be
insignificant. For instance, with RL = 10kΩ and RS = 20Ω,
there is only about a 0.2% error at the output.
DRIVING A/D CONVERTERS
OPA343 series op amps are optimized for driving medium
speed (up to 100kHz) sampling A/D converters. However,
they also offer excellent performance for higher-speed
converters. The OPA343 series provides an effective means
of buffering the A/D’s input capacitance and resulting
charge injection while providing signal gain. For applica-
tions requiring high accuracy, the OPA340 series is recom-
mended.
Figures 5 and 6 show the OPA343 driving an ADS7816.
The ADS7816 is a 12-bit, micro-power sampling converter
in the tiny MSOP-8 package. When used with the minia-
ture package options of the OPA343 series, the combina-
tion is ideal for space-limited and low-power applications.
For further information consult the ADS7816 data sheet.
With the OPA343 in a noninverting configuration, an RC
network at the amplifier’s output can be used to filter high
frequency noise in the signal (see Figure 5). In the invert-
ing configuration, filtering may be accomplished with a
capacitor across the feedback resistor (see Figure 6).
FIGURE 3. Input Current Protection for Voltages Exceeding
the Supply Voltage.
RAIL-TO-RAIL OUTPUT
A class AB output stage with common-source transistors is
used to achieve rail-to-rail output. For light resistive loads
(>50k
Ω), the output voltage is typically a few millivolts
from the supply rails. With moderate resistive loads (2k
Ω to
50k
Ω), the output can swing to within a few tens of milli-
volts from the supply rails and maintain high open-loop
gain. See the typical performanc curve “Output Voltage
Swing vs Output Current.”
CAPACITIVE LOAD AND STABILITY
OPA343 series op amps can drive a wide range of capacitive
loads. However, all op amps under certain conditions may
become unstable. Op amp configuration, gain, and load
value are just a few of the factors to consider when determin-
ing stability. An op amp in unity gain configuration is the
most susceptible to the effects of capacitive load. The
FIGURE 4. Series Resistor in Unity-Gain Configuration Improves Capacitive Load Drive.
10
Ω to
20
OPAx343
V+
V
IN
V
OUT
R
S
R
L
C
L


Similar Part No. - OPA343UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA343UAG4 TI-OPA343UAG4 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA343UAG4 TI-OPA343UAG4 Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA343UAG4 TI1-OPA343UAG4 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA343UAG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA340 BURR-BROWN-OPA340 Datasheet
348Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
logo
Texas Instruments
OPA350 TI1-OPA350 Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
logo
Burr-Brown (TI)
OPA344 BURR-BROWN-OPA344 Datasheet
243Kb / 11P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
National Semiconductor ...
OPA344 NSC-OPA344 Datasheet
1Mb / 29P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com