Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4353UA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4353UA
Description  High-Speed, Single-Supply, Rail-to-Rail PERATIONAL AMPLIFIERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4353UA Datasheet(HTML) 4 Page - Texas Instruments

  OPA4353UA Datasheet HTML 1Page - Texas Instruments OPA4353UA Datasheet HTML 2Page - Texas Instruments OPA4353UA Datasheet HTML 3Page - Texas Instruments OPA4353UA Datasheet HTML 4Page - Texas Instruments OPA4353UA Datasheet HTML 5Page - Texas Instruments OPA4353UA Datasheet HTML 6Page - Texas Instruments OPA4353UA Datasheet HTML 7Page - Texas Instruments OPA4353UA Datasheet HTML 8Page - Texas Instruments OPA4353UA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
OPA353, 2353, 4353
®
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = +5V, and RL = 1kΩ connected to VS/2, unless otherwise noted.
OPEN-LOOP GAIN/PHASE vs FREQUENCY
0.1
1
160
140
120
100
80
60
40
20
0
0
–45
–90
–135
–180
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
100M
G
φ
POWER SUPPLY AND COMMON-MODE
REJECTION RATIO vs FREQUENCY
100
90
80
70
60
50
40
30
20
10
0
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
PSRR
CMRR
(V
S = +5V
V
CM = –0.1V to 5.1V)
INPUT VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
100k
10k
1k
100
10
1
10k
1k
100
10
1
0.1
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
Voltage Noise
Current Noise
HARMONIC DISTORTION + NOISE vs FREQUENCY
1
(–40dBc)
0.1
(–60dBc)
0.01
(–80dBc)
0.001
(–100dBc)
0.0001
(–120dBc)
Frequency (Hz)
1k
10k
100k
1M
G = 1
V
O = 2.5Vp-p
R
L = 600Ω
3rd Harmonic
2nd Harmonic
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
1
0.1
0.01
0.001
0.0001
Frequency (Hz)
10
100
1k
10k
100k
R
L = 600Ω
G = 100, 3Vp-p (V
O = 1V to 4V)
G = 10, 3Vp-p (V
O = 1V to 4V)
G = 1, 3Vp-p (V
O = 1V to 4V)
Input goes through transition region
G = 1, 2.5Vp-p (V
O = 0.25V to 2.75V)
Input does NOT go through transition region
CHANNEL SEPARATION vs FREQUENCY
Frequency (Hz)
140
130
120
110
100
90
80
70
60
100
10
1k
1M
100k
10k
10M
Dual and Quad
Versions


Similar Part No. - OPA4353UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4353UA TI-OPA4353UA Datasheet
220Kb / 13P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA4353UA TI-OPA4353UA Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA4353UA TI1-OPA4353UA Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA4353UA/2K5 TI-OPA4353UA/2K5 Datasheet
220Kb / 13P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA4353UA/2K5 TI1-OPA4353UA/2K5 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4353UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA353 TI-OPA353 Datasheet
220Kb / 13P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA353 TI1-OPA353_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA350UA TI1-OPA350UA Datasheet
1Mb / 28P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350_05 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2353EA TI-OPA2353EA Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA2350EA250G4 TI-OPA2350EA250G4 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Burr-Brown (TI)
OPA353 BURR-BROWN-OPA353 Datasheet
192Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Renesas Technology Corp
EL5144 RENESAS-EL5144 Datasheet
1Mb / 24P
   100MHz Single-Supply Rail-to-Rail Amplifiers
logo
Texas Instruments
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com