Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV1100 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRV1100
Description  HIGH POWER DIFFERENTIAL DRIVER AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV1100 Datasheet(HTML) 2 Page - Texas Instruments

  DRV1100 Datasheet HTML 1Page - Texas Instruments DRV1100 Datasheet HTML 2Page - Texas Instruments DRV1100 Datasheet HTML 3Page - Texas Instruments DRV1100 Datasheet HTML 4Page - Texas Instruments DRV1100 Datasheet HTML 5Page - Texas Instruments DRV1100 Datasheet HTML 6Page - Texas Instruments DRV1100 Datasheet HTML 7Page - Texas Instruments DRV1100 Datasheet HTML 8Page - Texas Instruments DRV1100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
®
DRV1100
DRV1100P, U
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AC PERFORMANCE
–3dB Bandwidth
RL = 15Ω, VO = 1Vp-p
8
MHz
RL ≥ 100Ω, VO = 1Vp-p
11
MHz
RL = 15Ω, VO = 6Vp-p
5
MHz
RL ≥ 100Ω, VO = 6Vp-p
6
MHz
Differential Slew Rate
RL = 100Ω, VO = 6Vp-p
80
V/
µs
Step Response Delay(1)
VO = 1Vp-p
25
ns
Settling Time to 1%, Step Input
VO = 1Vp-p, RL = 100Ω
0.25
µs
Settling Time to 1%, Step Input
VO = 6Vp-p, RL = 100Ω
0.3
µs
Settling Time to 0.1%, Step Input
VO = 1Vp-p, RL = 100Ω
0.8
µs
Settling Time to 0.1%, Step Input
VO = 6Vp-p, RL = 100Ω
1.1
µs
THD, Total Harmonic Distortion(2)
f = 10kHz
RL = 100Ω, VO = 6Vp-p
–85
dBc
f = 10kHz
RL = 15Ω, VO = 6Vp-p
–66
–76
dBc
f = 100kHz
RL = 100Ω, VO = 6Vp-p
–72
dBc
f = 100kHz
RL = 15Ω, VO = 6Vp-p
–65
dBc
Input Voltage Noise
f = 100kHz
30
nV/
√Hz
Input Current Noise
f = 100kHz
0.5
fA/
√Hz
INPUT CHARACTERISTICS
Differential Input Resistance
1011
Differential Input Capacitance
1pF
Common-Mode Input Resistance
1011
Common-Mode Input Capacitance
6pF
Input Offset Voltage
5mV
Input Bias Current
1pA
Common-Mode Rejection Ratio
Input Referred
62
dB
Power Supply Rejection Ratio
Input Referred
60
76
dB
Input Common-Mode Voltage Range(3)
0.5
VDD –0.5
V
OUTPUT CHARACTERISTICS
Differential Output Offset, RTO
10
25
mV
Differential Output Offset Drift, RTO
–40
°C to +85°C30
µV/°C
Differential Output Resistance
0.16
Peak Current (Continuous)
RL = 15Ω
200
230
mA
Differential Output Voltage Swing
RL = 1kΩ
9.6
Vp-p
RL = 100Ω
8.5
9.5
Vp-p
RL = 15Ω
6.0
6.6
Vp-p
Output Voltage Swing, Each Side
RL = 1kΩ
0.125
4.875
V
Gain
Fixed Gain, Differential
3
V/V
Gain Error
±0.25
dB
POWER SUPPLY
Operating Voltage Range
+4.5
+5.0
+5.5
V
Quiescent Current
VDD = 5.0V
+11
+16
mA
TEMPERATURE RANGE
–40
+85
°C
Thermal Resistance,
θ
JA
DRV1100P
8-Pin DIP
100
°C/W
DRV1100U
8-Pin SO-8
125
°C/W
NOTES: (1) Time from 50% point of input step to 50% point of output step. (2) Measurement Bandwidth = 500kHz. (3) Output common-mode voltage follows input
common-mode voltage; therefore, if input VCM = VDD/2, then output VCM = VDD/2.
SPECIFICATIONS
At VDD = +5.0V, VCM = VDD/2, TA = 25°C, unless otherwise specified.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.


Similar Part No. - DRV1100

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV1100 BURR-BROWN-DRV1100 Datasheet
107Kb / 9P
   HIGH POWER DIFFERENTIAL DRIVER AMPLIFIER
DRV1100P BURR-BROWN-DRV1100P Datasheet
107Kb / 9P
   HIGH POWER DIFFERENTIAL DRIVER AMPLIFIER
DRV1100U BURR-BROWN-DRV1100U Datasheet
107Kb / 9P
   HIGH POWER DIFFERENTIAL DRIVER AMPLIFIER
More results

Similar Description - DRV1100

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV1100 BURR-BROWN-DRV1100 Datasheet
107Kb / 9P
   HIGH POWER DIFFERENTIAL DRIVER AMPLIFIER
logo
Analog Devices
LTC6409 AD-LTC6409 Datasheet
432Kb / 24P
   Differential Amplifier/ADC Driver
logo
Texas Instruments
THS6212 TI1-THS6212 Datasheet
1Mb / 48P
[Old version datasheet]   Differential, Line-Driver Amplifier
logo
Burr-Brown (TI)
DRV1101 BURR-BROWN-DRV1101 Datasheet
81Kb / 8P
   HIGH POWER DIFFERENTIAL LINE DRIVER
logo
Intersil Corporation
EL1503A INTERSIL-EL1503A Datasheet
49Kb / 2P
   High Power Differential Line Driver
logo
Renesas Technology Corp
EL1503 RENESAS-EL1503 Datasheet
909Kb / 16P
   High Power Differential Line Driver
July 17, 2001
logo
Texas Instruments
DRV1101 TI1-DRV1101_13 Datasheet
86Kb / 8P
[Old version datasheet]   HIGH POWER DIFFERENTIAL LINE DRIVER
logo
Renesas Technology Corp
EL1503A RENESAS-EL1503A Datasheet
1Mb / 17P
   High Power Differential Line Driver
March 26, 2007
logo
Elantec Semiconductor
EL1503C ELANTEC-EL1503C Datasheet
156Kb / 2P
   High Power Differential Line Driver
logo
Intersil Corporation
EL1503A INTERSIL-EL1503A_07 Datasheet
415Kb / 17P
   High Power Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com