Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4379 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4379
Description  18V 29mA90kHz, Rail-to-Rail I/O ATIONAL AMPLIFIERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4379 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA4379 Datasheet HTML 2Page - Texas Instruments OPA4379 Datasheet HTML 3Page - Texas Instruments OPA4379 Datasheet HTML 4Page - Texas Instruments OPA4379 Datasheet HTML 5Page - Texas Instruments OPA4379 Datasheet HTML 6Page - Texas Instruments OPA4379 Datasheet HTML 7Page - Texas Instruments OPA4379 Datasheet HTML 8Page - Texas Instruments OPA4379 Datasheet HTML 9Page - Texas Instruments OPA4379 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TYPICAL CHARACTERISTICS
120
100
80
60
40
20
0
Frequency(Hz)
0.1
1
1k
10
100
10k
100k
+PSRR
CMRR
-PSRR
120
100
80
60
40
20
0
Frequency(Hz)
0
-30
-60
-90
-120
-150
-180
0.1
1
1k
10
100
10k
100k
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Frequency(Hz)
1k
10k
100k
3.5
3.0
2.5
2.0
1.5
SupplyVoltage(V)
1.5
2.0
3.5
2.5
3.0
4.0
4.5
5.0
5.5
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
I
(mA)
OUT
0
1
2
3
4
5
6
7
8
9
10
+125 C
°
V = ±2.5V
S
+85 C
°
+25 C
°
-
°
40 C
25
20
15
10
5
+I
SC
-ISC
SupplyVoltage(V)
1.5
2.0
3.5
2.5
3.0
4.0
4.5
5.0
5.5
OPA379
OPA2379
OPA4379
SBOS347D – NOVEMBER 2005 – REVISED MAY 2008 ................................................................................................................................................... www.ti.com
At TA = +25°C, VS = 5V, and RL = 25kΩ connected to VS/2, unless otherwise noted.
COMMON-MODE AND
OPEN-LOOP GAIN AND PHASE
POWER-SUPPLY REJECTION RATIO
vs FREQUENCY
vs FREQUENCY
Figure 2.
Figure 3.
MAXIMUM OUTPUT VOLTAGE
QUIESCENT CURRENT
vs FREQUENCY
vs SUPPLY VOLTAGE
Figure 4.
Figure 5.
OUTPUT VOLTAGE
SHORT-CIRCUIT CURRENT
vs OUTPUT CURRENT
vs SUPPLY VOLTAGE
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA379 OPA2379 OPA4379


Similar Part No. - OPA4379

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4379 BURR-BROWN-OPA4379 Datasheet
237Kb / 12P
   1.8V, 2.9uA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA4379 TI-OPA4379 Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O PERATIONAL AMPLIFIERS
OPA4379 TI-OPA4379 Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O RATIONAL AMPLIFIERS
OPA4379 TI1-OPA4379 Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA4379AIPWR TI-OPA4379AIPWR Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O PERATIONAL AMPLIFIERS
More results

Similar Description - OPA4379

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com