Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA129UB Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA129UB
Description  Ultra-Low Bias Current Difet PERATIONAL AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA129UB Datasheet(HTML) 5 Page - Texas Instruments

  OPA129UB Datasheet HTML 1Page - Texas Instruments OPA129UB Datasheet HTML 2Page - Texas Instruments OPA129UB Datasheet HTML 3Page - Texas Instruments OPA129UB Datasheet HTML 4Page - Texas Instruments OPA129UB Datasheet HTML 5Page - Texas Instruments OPA129UB Datasheet HTML 6Page - Texas Instruments OPA129UB Datasheet HTML 7Page - Texas Instruments OPA129UB Datasheet HTML 8Page - Texas Instruments OPA129UB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
OPA129
5
SBOS026A
www.ti.com
OPEN-LOOP GAIN, PSR AND CMR vs TEMPERATURE
Ambient Temperature (
°C)
130
120
110
100
90
CMR
A
OL
PSR
–75
125
–50
75
–25
0
25
50
100
SUPPLY CURRENT vs TEMPERATURE
Ambient Temperature (
°C)
2.0
1.5
1.0
0.5
0
–75
125
–50
75
–25
0
25
50
100
0
Supply Voltage (
±V
CC)
GAIN BANDWIDTH AND SLEW RATE
vs SUPPLY VOLTAGE
515
020
3
2
1
10
0
6
4
2
+Slew
–Slew
GBW
GAIN BANDWIDTH AND SLEW RATE
vs TEMPERATURE
Ambient Temperature (
°C)
4
3
2
1
4
3
2
1
0
0
–75
125
–50
75
–25
0
25
50
100
LARGE SIGNAL TRANSIENT RESPONSE
Time (
µs)
10
0
–10
050
25
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, +15VDC, unless otherwise noted.
SMALL SIGNAL TRANSIENT RESPONSE
Time (
µs)
80
40
0
–40
010
24
68
–80
5
µs
5V
1
µs
20mV


Similar Part No. - OPA129UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA129UB BURR-BROWN-OPA129UB Datasheet
640Kb / 7P
   Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA129UB TI-OPA129UB Datasheet
652Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
OPA129UB TI1-OPA129UB Datasheet
661Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA129UB/2K5 TI1-OPA129UB/2K5 Datasheet
661Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA129UBE4 TI-OPA129UBE4 Datasheet
652Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
More results

Similar Description - OPA129UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
   Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA129UBE4 TI-OPA129UBE4 Datasheet
652Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
INA116 TI1-INA116 Datasheet
220Kb / 11P
[Old version datasheet]   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA116 BURR-BROWN-INA116 Datasheet
246Kb / 9P
   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA654 BURR-BROWN-OPA654 Datasheet
131Kb / 8P
   Wide Bandwidth, High Output Current Difet OPERATIONAL AMPLIFIER
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA121 BURR-BROWN-OPA121 Datasheet
91Kb / 6P
   Low Cost Precision Difet OPERATIONAL AMPLIFIER
OPA2111 BURR-BROWN-OPA2111 Datasheet
231Kb / 13P
   Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-297 AD-OP-297 Datasheet
592Kb / 16P
   DUAL LOW BIAS CURRENT PRECISION OPERATIONAL AMPLIFIER
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com