Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS101 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS101
Description  DIFFERENTIAL TRANSLATOR/REPEATER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS101 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LVDS101 Datasheet HTML 6Page - Texas Instruments SN65LVDS101 Datasheet HTML 7Page - Texas Instruments SN65LVDS101 Datasheet HTML 8Page - Texas Instruments SN65LVDS101 Datasheet HTML 9Page - Texas Instruments SN65LVDS101 Datasheet HTML 10Page - Texas Instruments SN65LVDS101 Datasheet HTML 11Page - Texas Instruments SN65LVDS101 Datasheet HTML 12Page - Texas Instruments SN65LVDS101 Datasheet HTML 13Page - Texas Instruments SN65LVDS101 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
www.ti.com
0
5
10
15
20
25
30
200
400
600
800
1000
f - Frequency - MHz
VCC = 3.3 V
TA = 25°C
VIC = 400 mV
Input = Clock
VID = 0.5 V
VID = 0.8 V
VID = 0.3 V
0
10
20
30
40
50
60
300
800
1300
1800
Data Rate - Mbps
VCC = 3.3 V
TA = 25°C
VIC = 400 mV
Input = PRBS 223-1
2300
VID = 0.3 V
VID = 0.5 V
VID = 0.8 V
0
5
10
15
20
25
30
200
400
600
800
1000
f - Frequency - MHz
VID = 0.5 V
VID = 0.8 V
VID = 0.3 V
VCC = 3.3 V
TA = 25°C
VIC = 1.2 V
Input = Clock
0
10
20
30
40
50
60
300
800
1300
1800
Data Rate - Mbps
VCC = 3.3 V
TA = 25°C
VIC= 1.2 V
Input = PRBS 223-1
VID = 0.3 V
VID = 0.8 V
2300
VID = 0.5 V
0
5
10
15
20
25
30
200
400
600
800
1000
f - Frequency - MHz
VID = 0.3 V
VID = 0.8 V
VID = 0.5 V
VCC = 3.3 V
TA = 25°C
VIC= 1.2 V
Input = Clock
0
10
20
30
40
50
60
300
800
1300
1800
Data Rate - Mbps
VID = 0.5 V
VID = 0.8 V
2300
VCC = 3.3 V
TA = 25°C
VIC= 1.2 V
Input = PRBS 223-1
VID = 0.3 V
0
5
10
15
20
25
30
200
400
600
800
1000
f - Frequency - MHz
VID = 0.3 V
VID = 0.8 V
VID = 0.5 V
VCC = 3.3 V
TA = 25°C
VIC = 2.9 V
Input = Clock
0
5
10
15
20
25
30
200
400
600
800
1000
f - Frequency - MHz
VID = 0.3 V
VID = 0.8 V
VID = 0.5 V
VCC = 3.3 V
TA = 25°C
VIC = 2.9 V
Input = Clock
0
10
20
30
40
50
60
300
800
1300
1800
Data Rate - Mbps
VID = 0.3 V
VID = 0.8 V
VID = 0.5 V
VCC = 3.3 V
TA = 25°C
VIC = 2.9 V
Input = PRBS 223-1
2300
SN65LVDS100, SN65LVDT100
SN65LVDS101, SN65LVDT101
SLLS516C – AUGUST 2002 – REVISED JUNE 2004
TYPICAL CHARACTERISTICS (continued)
SN65LVDS101
SN65LVDS101
SN65LVDS100
PEAK-TO-PEAK JITTER
PEAK-TO-PEAK JITTER
PEAK-TO-PEAK JITTER
vs
vs
vs
FREQUENCY
DATA RATE
FREQUENCY
Figure 17.
Figure 18.
Figure 19.
SN65LVDS100
SN65LVDS101
SN65LVDS101
PEAK-TO-PEAK JITTER
PEAK-TO-PEAK JITTER
PEAK-TO-PEAK JITTER
vs
vs
vs
DATA RATE
FREQUENCY
DATA RATE
Figure 20.
Figure 21.
Figure 22.
SN65LVDS100
SN65LVDS100
SN65LVDS101
PEAK-TO-PEAK JITTER
PEAK-TO-PEAK JITTER
PEAK-TO-PEAK JITTER
vs
vs
vs
FREQUENCY
DATA RATE
FREQUENCY
Figure 23.
Figure 24.
Figure 25.
10


Similar Part No. - SN65LVDS101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS101 TI-SN65LVDS101 Datasheet
679Kb / 20P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDS101 TI-SN65LVDS101 Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDS101D TI-SN65LVDS101D Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDS101DG4 TI-SN65LVDS101DG4 Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDS101DGK TI-SN65LVDS101DGK Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
More results

Similar Description - SN65LVDS101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS100 TI-SN65LVDS100 Datasheet
679Kb / 20P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDT100D TI-SN65LVDT100D Datasheet
1Mb / 25P
[Old version datasheet]   DIFFERENTIAL TRANSLATOR/REPEATER
SN65LVDS20 TI1-SN65LVDS20_15 Datasheet
609Kb / 19P
[Old version datasheet]   LVPECL AND LVDS REPEATER/TRANSLATOR WITH ENABLE
SN65LVDS20 TI-SN65LVDS20 Datasheet
400Kb / 15P
[Old version datasheet]   LVPECL AND LVDS REPEATER/TRANSLATOR WITH ENABLE
SN65LVDS20DRFR TI1-SN65LVDS20DRFR Datasheet
646Kb / 19P
[Old version datasheet]   LVPECL AND LVDS REPEATER/TRANSLATOR WITH ENABLE
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_15 Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
Integrated Device Techn...
830S21I-01 IDT-830S21I-01 Datasheet
355Kb / 12P
   Differential-to-LVCMOS/LVTTL Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com