Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC179 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC179
Description  LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC179 Datasheet(HTML) 3 Page - Texas Instruments

  SN75LBC179 Datasheet HTML 1Page - Texas Instruments SN75LBC179 Datasheet HTML 2Page - Texas Instruments SN75LBC179 Datasheet HTML 3Page - Texas Instruments SN75LBC179 Datasheet HTML 4Page - Texas Instruments SN75LBC179 Datasheet HTML 5Page - Texas Instruments SN75LBC179 Datasheet HTML 6Page - Texas Instruments SN75LBC179 Datasheet HTML 7Page - Texas Instruments SN75LBC179 Datasheet HTML 8Page - Texas Instruments SN75LBC179 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
SN75LBC179, SN65LBC179, SN65LBC179Q
LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SLLS173F − JANUARY 1994 − REVISED APRIL 2006
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings
Supply voltage range, VCC
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range at A, B, Y, or Z (see Note 1)
−10 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range at D or R (see Note 1)
−0.3 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver output current, IO
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation (see Note 2)
Internally limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to GND.
2. The maximum operating junction temperature is internally limited. Uses the dissipation rating table to operate below this
temperature.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
High-level input voltage, VIH
D
2
V
Low-level input voltage, VIL
D
0.8
V
Differential input voltage, VID
−6‡
6
V
Voltage at any bus terminal (separately or common-mode), VO, VI, or VIC
A, B, Y, or Z
−7
12
V
High-level output current, IOH
Y or Z
−60
mA
High-level output current, IOH
R
−8
mA
Low-level output current, IOL
Y or Z
60
mA
Low-level output current, IOL
R
8
mA
Junction temperature, TJ
140
°C
SN65LBC179
−40
85
Operating free-air temperature, TA
SN65LBC179Q
−40
125
°C
Operating free-air temperature, TA
SN75LBC179
0
70
C
‡ The algebraic convention, in which the least positive (most negative) limit is designated as minimum, is used in this data sheet for differential
input voltage, voltage at any bus terminal (separately or common mode), operating temperature, input threshold voltage, and common-mode
output voltage.
DISSIPATION RATING TABLE
PACKAGE
THERMAL
MODEL
TA < 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
D
Low K†
526 mW
5.0 mW/
°C
301 mW
226 mW
D
High K‡
882 mW
8.4 mW/
°C
504 mW
378 mW
P
840 mW
8.0 mW/
°C
480 mW
360 mW
† In accordance with the low effective thermal conductivity metric definitions of EIA/JESD 51−3.
‡ In accordance with the high effective thermal conductivity metric definitions of EIA/JESD 51−7.


Similar Part No. - SN75LBC179

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179A TI-SN75LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179A TI-SN75LBC179A Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179AD TI-SN75LBC179AD Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179AD TI1-SN75LBC179AD Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com