Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM118H Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM118H
Description  LM118-N/lm218-N/LM318-N Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM118H Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM118H Datasheet HTML 6Page - Texas Instruments LM118H Datasheet HTML 7Page - Texas Instruments LM118H Datasheet HTML 8Page - Texas Instruments LM118H Datasheet HTML 9Page - Texas Instruments LM118H Datasheet HTML 10Page - Texas Instruments LM118H Datasheet HTML 11Page - Texas Instruments LM118H Datasheet HTML 12Page - Texas Instruments LM118H Datasheet HTML 13Page - Texas Instruments LM118H Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LM118-N, LM218-N, LM318-N
SNOSBS8C – MARCH 1998 – REVISED MARCH 2013
www.ti.com
AUXILIARY CIRCUITS
Figure 39. Offset Balancing
*Balance circuit necessary for increased
slew.
Slew rate typically 150V/
μs.
Figure 37. Feedforward Compensation
for Greater Inverting Slew Rate
Figure 40. Isolating Large Capacitive Loads
Figure 41. Overcompensation
Slew and settling time to 0.1% for a 10V
step change is 800 ns.
Figure 38. Compensation for Minimum Settling
Time
10
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM118-N LM218-N LM318-N


Similar Part No. - LM118H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM118H NSC-LM118H Datasheet
597Kb / 18P
   Operational Amplifiers
logo
Linear Technology
LM118H LINER-LM118H Datasheet
507Kb / 8P
   High Speed Operational Amplifier
logo
Texas Instruments
LM118H TI1-LM118H Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM118H/883 NSC-LM118H/883 Datasheet
597Kb / 18P
   Operational Amplifiers
logo
Texas Instruments
LM118H/883 TI1-LM118H/883 Datasheet
912Kb / 19P
[Old version datasheet]   LM118QML Operational Amplifier
More results

Similar Description - LM118H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM118-N TI1-LM118-N Datasheet
631Kb / 20P
[Old version datasheet]   LM118/LM218/LM318 Operational Amplifiers
LM108AQML TI-LM108AQML_15 Datasheet
659Kb / 21P
[Old version datasheet]   LM108-N/LM108AQML Operational Amplifiers
logo
National Semiconductor ...
LM2902-N NSC-LM2902-N Datasheet
1Mb / 31P
   LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
REVISED SEPTEMBER 2004
logo
Texas Instruments
LM124-N TI1-LM124-N_13 Datasheet
1Mb / 31P
[Old version datasheet]   LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
REVISED SEPTEMBER 2004
MLM324P TI-MLM324P Datasheet
1Mb / 31P
[Old version datasheet]   LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
REVISED SEPTEMBER 2004
LMV931-N-Q1 TI-LMV931-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV934-N-Q1 TI-LMV934-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV932-N-Q1 TI-LMV932-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV932MM_NOPB TI1-LMV932MM_NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931-N TI-LMV931-N Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com