Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


X-2064866-X Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. X-2064866-X
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 3 page
background image
3
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
WHAT’S NEW IN THIS ISSUE
PARALIGHT Active Optical Assemblies . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Pages 8-11
40Gb/s QDR QSFP+ Cable
Assemblies
I
100 meters + length
I
Functions like a standard
electrical cable
I
Low latency – 15.84pc +
cable
I
1/3 size and 1/10 weight of
copper assemblies
20Gb/s DDR QSFP and CX-4
Cable Assemblies
I
Reach 150 meters and
greater
I
Available in QSFP, CX-4,
and hybrid (QSFP-CX-4)
configurations
Fiber to the Antenna Solutions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Pages 71-96
I
Designed for next generation WiMax and LTE Applications
I
Robust designs for external antenna applications
I
Broad range of solutions including traditional products and
direct Tx mating solutions
ODVA Compliant Connector —
Economic Robust Design
I
All plastic
I
IP-67 rated
I
Rated for outdoor applications
ODC – Traditional Fiber to the
Antenna Applications
I
Robust all metal connector
I
Significant product already deployed
I
Available in Duplex or Quad
Direct Attach
I
Mates directly through the box to the Tx
I
Eliminates one cable assembly internal
to the antenna box
10 Gigabit Products
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Pages 12-13
I
Supports IEEE 802.ae 10BASE-SR and 10GBASE-LX4 to 300m
I
Complies with OM-3 fiber specifications of 2nd edition ISO
11801
I
Allows Gigabit Ethernet 1000BASE-SX to 1000m
I
Supports 50/125um legacy LED and laser-based applications
I
This section outlines all the parts needed for an end-to-end
system with 10 Gigabit cable assemblies and connectors
MPO on Round Cable . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 14
I
Flexible round outer jacket for easier installation
and cable routing
I
Same standards compliant performance
I
Fiber counts up to 24 for standard MPO, and up to
72 fibers using high density PARA-OPTIX
assemblies
ODC is a product and trademark of
HUBER+SUHNER AG.
ODVA is a trademark of ODVA, Inc.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl