Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM340AT-5.0 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM340AT-5.0
Description  LM340-N/LM78XX Series 3-Terminal Positive Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM340AT-5.0 Datasheet(HTML) 3 Page - Texas Instruments

  LM340AT-5.0 Datasheet HTML 1Page - Texas Instruments LM340AT-5.0 Datasheet HTML 2Page - Texas Instruments LM340AT-5.0 Datasheet HTML 3Page - Texas Instruments LM340AT-5.0 Datasheet HTML 4Page - Texas Instruments LM340AT-5.0 Datasheet HTML 5Page - Texas Instruments LM340AT-5.0 Datasheet HTML 6Page - Texas Instruments LM340AT-5.0 Datasheet HTML 7Page - Texas Instruments LM340AT-5.0 Datasheet HTML 8Page - Texas Instruments LM340AT-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM340-N, LM78xx
www.ti.com
SNOSBT0I – FEBRUARY 2000 – REVISED MARCH 2013
Operating Conditions
(1) (continued)
LM140
−55°C to +125°C
Temperature Range (TA)
(2)
LM340A, LM340-N
0°C to +125°C
LM7808C
0°C to +125°C
(2)
The maximum allowable power dissipation at any ambient temperature is a function of the maximum junction temperature for operation
(TJMAX = 125°C or 150°C), the junction-to-ambient thermal resistance (θJA), and the ambient temperature (TA). PDMAX = (TJMAX
TA)/θJA. If this dissipation is exceeded, the die temperature will rise above TJMAX and the electrical specifications do not apply. If the die
temperature rises above 150°C, the device will go into thermal shutdown. For the TO-3 package (NDS), the junction-to-ambient thermal
resistance (
θJA) is 39°C/W. When using a heatsink, θJA is the sum of the 4°C/W junction-to-case thermal resistance (θJC) of the TO-3
package and the case-to-ambient thermal resistance of the heatsink. For the TO-220 package (NDE),
θJA is 54°C/W and θJC is 4°C/W. If
SOT-223 is used, the junction-to-ambient thermal resistance is 174°C/W and can be reduced by a heatsink (see Applications Hints on
heatsinking).If the DDPAK\TO-263 package is used, the thermal resistance can be reduced by increasing the PC board copper area
thermally connected to the package: Using 0.5 square inches of copper area,
θJA is 50°C/W; with 1 square inch of copper area, θJAis
37°C/W; and with 1.6 or more inches of copper area,
θJA is 32°C/W.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM340-N LM78xx


Similar Part No. - LM340AT-5.0

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM340AT-5.0 MOTOROLA-LM340AT-5.0 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
LM340AT-5.0 ONSEMI-LM340AT-5.0 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
National Semiconductor ...
LM340AT-5.0 NSC-LM340AT-5.0 Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM340AT-5.0 NSC-LM340AT-5.0 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM340AT-5.0 TI1-LM340AT-5.0 Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
More results

Similar Description - LM340AT-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM340T-5.0 TI-LM340T-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM140K-15 TI1-LM140K-15 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-5 TI1-LM340T-5 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
LM340S-12 TI-LM340S-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM7812CT TI1-LM7812CT Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5-0 TI1-LM340K-5-0 Datasheet
3Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340-N TI1-LM340-N Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com