Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


X-2064858-X Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part No. X-2064858-X
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 11 page
background image
11
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
1
10 GB/S
General Specifications
Symbol
Parameter
Min.
Typical
Max.
Unit
Notes
Data Rate/Channel
2.5
10.0
Gb/s
1
Tc
Operating Case Temperature
0—
70
°C
2
Vcc
Supply Voltage
3.13
3.3
3.47
V
Total Power Dissipation
1.5
1.7
W3
Fiber Core Diameter
50
µm
1. Test pattern PRBS 2E7-1
2. Per End
3. Central office environment per GR-468-CORE
10 GB/S Transmitter
Electrical Specifications
Symbol
Parameter
Min.
Typical
Max.
Unit
Notes
Input Common Mode
0—
Vcc
V1
V_diff_IN
Differential data swing
500
1600
mVpp
Rin
Differential Input Impedance
80
100
120
1. Internally AC coupled.
10 GB/S Receiver Electrical
Specifications
Symbol
Parameter
Min.
Typical
Max.
Unit
Notes
Output Common Mode
———
V
1
V_diff_OUT
Differential data swing
200
300
1200
mVpp
Rout
Differential Output Impedance
100
TJ
Total Jitter (p-p)
——
.42
UI
2
∆T ch-ch
Skew
——
200
ps
1. Internally AC Coupled.
2. Total jitter is specified at a BER of 10^-12 using PRBS 2^7-1.
Mechanical
Symbol
Parameter
Value
Unit
Notes
Off Axis Load
22.2
N
Retention Load
89
N
Durability
250
cycles
Regulatory Information
Symbol
Parameter
Compliance
Preliminary Eye Safety Classification1
1M
Electrostatic Discharge (ESD),
JESD22-A114D, Class 1 (1000 volts),
human body
human body model
Optical energy contained within cable.
CAUTION: Do not cut optical cable. Viewing the cut fiber ends, especially with certain optical instruments (for exam-
ple, eye loupes, magnifiers, and microscopes) may pose an eye hazard.
This product is classified as a Class 1M Laser product in accordance with IEC 60825-1:1993+A1+A2 and complies
with 21CFR 1040.10 and 1040.11 except for deviations pursuant to laser notice N0. 50, dated 24-Jun-2007.
Note: The TUV Bauartmark does not apply to LSZH assemblies
INVISIBLE LASER RADIATION
DO NOT VIEW DIRECTLY WITH
OPTICAL INSTRUMENTS “(MAGNIFIERS)”
CLASS 1M LASER PRODUCT
840-850nm, 700uW
PARALIGHT Active Optical Cable Assemblies (Continued)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl