Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X-2064851-X Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # X-2064851-X
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X-2064851-X Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button X-2064851-X Datasheet HTML 51Page - List of Unclassifed Manufacturers X-2064851-X Datasheet HTML 52Page - List of Unclassifed Manufacturers X-2064851-X Datasheet HTML 53Page - List of Unclassifed Manufacturers X-2064851-X Datasheet HTML 54Page - List of Unclassifed Manufacturers X-2064851-X Datasheet HTML 55Page - List of Unclassifed Manufacturers X-2064851-X Datasheet HTML 56Page - List of Unclassifed Manufacturers X-2064851-X Datasheet HTML 57Page - List of Unclassifed Manufacturers X-2064851-X Datasheet HTML 58Page - List of Unclassifed Manufacturers X-2064851-X Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 100 page
background image
55
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
2
Note: All part numbers are RoHS compliant.
Tooling (Continued)
OPTIPOP C Card Cleaner
Product Facts
I
Static attraction is
minimized
I
Ultra clean micro-fiber cloth
captures debris and other
contamination
I
Robust cloth does not fray
or leave fibrous material
behind
I
Reduces the number of field
and test issues caused by
contaminated end faces
I
Compact size
The compact OPTIPOP C
dry cloth card cleaner
offered by TE utilizes a
densely woven micro-fiber
cloth that cleans fiber optic
connector tips while
reducing static charge.
This makes it one of the
most advanced cleaning
systems available for optical
connector cleaning.
Applications
The card cleaner can be
used on major optical
connector types including
FC compliant, SC, ST, LC,
MU, LC, ODVA, MT-RJ*,
and MPO*.
*Without guide pins installed.
Product Dimensions
Length — 120 mm [4.72 in.]
Width — 57 mm [2.24 in.]
Thickness — 16 mm [0.63 in.]
Weight — 60 g [0.13 lb.]
OPTIPOP is a trademark of
NTT Advanced Technology Corporation.
Description
Part Number
Fiber connector card cleaner
1918810-1
Card cleaner refill (ten per pack)
1918811-1
Card Cleaner Refill (Ten per Pack)
Part Number 1918811-1
NEOCLEAN Stick Cleaner
Product Facts
I
Perforated handle for
customizing length and
angle
I
Ultra clean micro-fiber cloth
captures debris and other
contamination while
minimizing static attraction
I
Robust cloth does not fray
or leave fibrous material
behind
I
Reduces the number of field
and test issues caused by
contaminated end faces
I
Convenient packaging
The NEOCLEAN dry cloth
stick cleaners offered by
TE utilize a densely woven
micro-fiber cloth that cleans
fiber optic connector tips
while reducing static charge.
This makes them one of the
most advanced cleaning
systems available for
bulkhead optical connector
cleaning.
Applications
The stick cleaners can be
used on major single fiber
optical connector types
inside bulkhead adapters
including FC compliant, SC,
ST, LC, MU, LC ODVA, and
MT-RJ Jacks in addition to
transceivers and lenses.
NEOCLEAN is a trademark of
NTT Advanced Technology Corporation.
2.5 mm
1.25 mm
Product Dimensions
Part Number 1918807-1
2.5 mm Stick Cleaner
Overall Length — 151.2 mm [5.95 in.]
Tip Diameter — 1.25 mm [0.049 in.]
Handle Diameter — 2.65 mm
[0.104 in.]
Tip Length — 12.6 mm [0.496 in.]
Part Number 1918808-1
1.25 mm Stick Cleaner
Overall Length — 151.2 mm [5.95 in.]
Tip Diameter — 2.5 mm [0.098 in.]
Handle Diameter — 2.65 mm
[0.104 in.]
Tip Length — 20.0 mm [0.787 in.]


Similar Part No. - X-2064851-X

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
X-206425-X TEC-X-206425-X Datasheet
342Kb / 1P
   APPLICATION RANGE
More results

Similar Description - X-2064851-X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com