Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2678T-3.3 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2678T-3.3
Description  LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2678T-3.3 Datasheet(HTML) 1 Page - Texas Instruments

  LM2678T-3.3 Datasheet HTML 1Page - Texas Instruments LM2678T-3.3 Datasheet HTML 2Page - Texas Instruments LM2678T-3.3 Datasheet HTML 3Page - Texas Instruments LM2678T-3.3 Datasheet HTML 4Page - Texas Instruments LM2678T-3.3 Datasheet HTML 5Page - Texas Instruments LM2678T-3.3 Datasheet HTML 6Page - Texas Instruments LM2678T-3.3 Datasheet HTML 7Page - Texas Instruments LM2678T-3.3 Datasheet HTML 8Page - Texas Instruments LM2678T-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
LM2678
www.ti.com
SNVS029I – MARCH 2000 – REVISED APRIL 2013
LM2678 SIMPLE SWITCHER® High Efficiency 5A Step-Down Voltage Regulator
Check for Samples: LM2678
1
FEATURES
DESCRIPTION
The LM2678 series of regulators are monolithic
23
Efficiency Up to 92%
integrated circuits which provide all of the active
Simple and Easy to Design with (Using Off-
functions for a step-down (buck) switching regulator
The-Shelf External Components)
capable of driving up to 5A loads with excellent line
120 m
Ω DMOS Output Switch
and load regulation characteristics. High efficiency
(>90%) is obtained through the use of a low ON-
3.3V, 5V and 12V Fixed Output and Adjustable
resistance DMOS power switch. The series consists
(1.2V to 37V ) Versions
of fixed output voltages of 3.3V, 5V and 12V and an
50
μA Standby Current When Switched OFF
adjustable output version.
±2% Maximum Output Tolerance Over Full
The SIMPLE SWITCHER® concept provides for a
Line and Load Conditions
complete design using a minimum number of external
Wide Input Voltage Range: 8V to 40V
components.
A
high
fixed
frequency
oscillator
(260KHz) allows the use of physically smaller sized
260 KHz Fixed Frequency Internal Oscillator
components. A family of standard inductors for use
−40 to +125°C Operating Junction Temperature
with
the
LM2678
are
available
from
several
Range
manufacturers to greatly simplify the design process.
The
LM2678
series
also
has
built
in
thermal
APPLICATIONS
shutdown, current limiting and an ON/OFF control
Simple to Design, High Efficiency (>90%) Step-
input that can power down the regulator to a low
Down Switching Regulators
50
μA quiescent current standby condition. The output
voltage is ensured to a ±2% tolerance. The clock
Efficient System Pre-Regulator for Linear
frequency is controlled to within a ±11% tolerance.
Voltage Regulators
Battery Chargers
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER, Switchers Made Simple are registered trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2678T-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2678T-3.3 NSC-LM2678T-3.3 Datasheet
356Kb / 23P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2678T-3.3 TI-LM2678T-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678T-3.3 TI-LM2678T-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678T-3.3/NOPB TI1-LM2678T-3.3/NOPB Datasheet
2Mb / 36P
[Old version datasheet]   LM2678 SIMPLE SWITCHER짰 High Efficiency 5-A Step-Down Voltage Regulator
More results

Similar Description - LM2678T-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678 TI-LM2678_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM2678 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-12 NSC-LM2678S-12 Datasheet
356Kb / 23P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2677 NSC-LM2677 Datasheet
847Kb / 26P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
logo
Texas Instruments
LM2678 TI1-LM2678 Datasheet
2Mb / 36P
[Old version datasheet]   LM2678 SIMPLE SWITCHER짰 High Efficiency 5-A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2676S-5 TI1-LM2676S-5 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com