Electronic Components Datasheet Search |
|
X-2064848-X Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers |
|
X-2064848-X Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers |
16 / 100 page 16 Catalog 1307895 Dimensions are shown for Dimensions are in millimeters Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. and inches unless otherwise Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 Fiber Optic Products Catalog Product Facts I Tested to Telecordia GR-1435 I Push Pull Latching I 4, 8, 12, OR 24 fibers I Color-coded housings differentiate singlemode and multimode: I Multimode — Beige I Singlemode — Green I Manufactured to IEC Standards 61754-7 and TIA/EIA 604-5 Industry Standard Performance Characteristics Singlemode Insertion Loss (Typ.) — 0.25 dB Insertion Loss (Max.) — 0.75 dB Return Loss — > 55 dB Multimode Insertion Loss (Typ.) — 0.2 dB Insertion Loss (Max.) — 0.5 dB Return Loss — > 20 dB MPO Connector Kit Selection — Plug Kits Fiber Type Female (no pins) Male (with pins) Singlemode 6457981-1 6457981-2 Multimode 6457983-1 6457983-2 Note: Ferrules and Mini-Boots are sold separately. See chart below for proper part numbers. MPO Ferrule Kit with Mini-Boot Fiber Type 4 Position 8 Position 12 Position Singlemode 5492221-1 5492221-2 5492221-3 Multimode 5503839-1 5503839-2 5503839-3 MPO Simplex Adapters Adapter Type Part Number Adapter w/flange 1588172-1 Adapter w/flange and clip 1588172-2 Adapter w/o flange 1588172-3 Adapter w/o flange and w/clip 1588172-4 MPO Quad 30° Adapter Type Part Number Adapter 2064792-1 Crimping Tool with Dieset 1588698-1 44.38 [1.747] 21.30 [.839] 11.80 [.465] Note: All part numbers are RoHS compliant. MPO Connectors and Adapters |
Similar Part No. - X-2064848-X |
|
Similar Description - X-2064848-X |