Electronic Components Datasheet Search |
|
X-2064870-X Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers |
|
X-2064870-X Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers |
87 / 100 page 87 Catalog 1307895 Dimensions are shown for Dimensions are in millimeters Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. and inches unless otherwise Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 Fiber Optic Products Catalog 5 PRO BEAM Expanded Beam Rugged Optics Products (Continued) Note: Part Numbers are RoHS compliant except: Indicates non-RoHS compliant. Ferrule Kits Fiber Hole Size Mode PRO BEAM Connector Part Number 125 µm SM PRO BEAM Mini 1754700-1 126 µm SM PRO BEAM Mini 1754700-2 126 µm MM PRO BEAM Mini 1754699-1 PRO BEAM Mini Connectors TE is pleased to announce the natural extension from our PRO BEAM Sr. and PRO BEAM Jr. Connector product lines. The PRO BEAM Mini Connector saves space and weight and is perfect for high density applica- tions. The product offers the same durability as its larger counterparts. PRO BEAM Sr., PRO BEAM Jr. & PRO BEAM Mini Connectors PRO BEAM Mini Plug Connector PRO BEAM Mini Connector Shell Kits Type Mount Attribute Part Number Style Difference (HA Aluminum) (OD Aluminum) (NiAlBronze) Plug EPDM Grip 1828698-1 N/A 1828698-2 D-Hole Low Profile - Buffered Fiber 1828699-1 1828699-2 1828699-3 Low Profile - 1.8 Jacketed 1985140-1 1985140-2 1985140-3 Bulkhead Sealed 1918185-1 * 1918185-2 Square Flange Low Profile - Buffered Fiber 1828826-1 ** Neutrik Cutout-Drop-In 1918603-1 ** * Contact TE for availability. PRO BEAM Mini Cable Adapter Kits For Plug Cable Diameter Part Number 5 mm 1828700-1 5.5 mm 1828700-2 6 mm 1828700-3 PRO BEAM Mini Insert Kits Description Part Number 2 x 850 / 1300 nm Dual Multimode 1374759-4 2 x 1310 nm Singlemode 1588129-2 2 x 1550 nm Singlemode 1588128-2 4 x 850 / 1300 nm Dual Multimode 1374759-2 4 x 1310 nm Singlemode 1588129-3 4 x 1550 nm Singlemode 1588128-3 Connector Assembly 1 Shell Kit 1 Insert Kit 1 Cable Adapter Kit* X Ferrule Kits (X = No. of optical channels) *Not applicable for Low Profile ASSEMBLY CAPABILITIES TE has extensive rugged optic harness capabilities. Please consult your local TE Sales Representative for assistance. |
Similar Part No. - X-2064870-X |
|
Similar Description - X-2064870-X |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |