Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X-2064869-X Datasheet(PDF) 96 Page - List of Unclassifed Manufacturers

Part # X-2064869-X
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X-2064869-X Datasheet(HTML) 96 Page - List of Unclassifed Manufacturers

Back Button X-2064869-X Datasheet HTML 92Page - List of Unclassifed Manufacturers X-2064869-X Datasheet HTML 93Page - List of Unclassifed Manufacturers X-2064869-X Datasheet HTML 94Page - List of Unclassifed Manufacturers X-2064869-X Datasheet HTML 95Page - List of Unclassifed Manufacturers X-2064869-X Datasheet HTML 96Page - List of Unclassifed Manufacturers X-2064869-X Datasheet HTML 97Page - List of Unclassifed Manufacturers X-2064869-X Datasheet HTML 98Page - List of Unclassifed Manufacturers X-2064869-X Datasheet HTML 99Page - List of Unclassifed Manufacturers X-2064869-X Datasheet HTML 100Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 96 / 100 page
background image
96
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
PRO BEAM Expanded Beam Rugged Optics Products (Continued)
Note: All part numbers are RoHS
compliant.
Combination
LIGHTCRIMP PLUS
SC/ST/LC Termination Kit
Part Number 1985162-1
Product Dimensions
Length — 18.5 cm [7.283 in]
Width — 2.2 cm [0.866 in]
Thickness — 2.2 cm [0.866 in]
Weight (w/battery) — 150 g [0.33 lb]
Hand Held Visual Fault
Locator (VFL)
Product Facts
I
650 nm (visible) Class 2
1.0 mW max Diode Laser
I
Continuous and flashing
(2-3 Hz pulsed) modes
I
Rugged rubber shell and
body design modeled after a
popular military connector
I
Lanyard attached dust cover
I
Standard 2.5 mm adapter for
SC, ST, and FC connectors
I
Optional 1.25 mm adapter
for LC and MU connectors.
I
Unique design allows
adapter to permanently
reside on VFL so it is not
misplaced allowing user to
choose 1.25 mm or 2.5 mm
I
Uses 1 “AA” style battery
for >30 hours of continuous
use
I
Soft-sided belt case for
convenience and storage
Description
Part Number
Hand Held Visual Fault Locator
1828352-1
1.25 mm Adapter for Hand Held VFL
1828353-1
Includes Part Numbers 1828352-1 and 1828353-1
1828352-2
The TE Hand Held Visual
Fault Locator (VFL) is a
rugged and affordable
solution for identifying
breaks and bending in
optical fibers and cabling.
Its powerful, red (650 nm)
laser provides the ability to
locate damaged, broken, or
tightly bent fibers that cause
undesirable attenuation in
your system.
The jacket of the cable will
glow red at the location of
the fault. The flash button
allows the user to toggle
between continuous or
pulsed mode. The compact,
rugged, and balanced
design is based upon a
popular harsh environment
fiber optic connector. The
single “AA” style battery is
good for >30 hours of con-
tinuous use and the soft-
sided protective case with
belt loop provides a con-
venient and protective
means of storage.
Applications
Affordable VFL Solution for:
I
Identifying breaks, bends,
and other damage in
optical fibers
I
Tracing fiber paths
I
Identifying termination
errors
I
Continuity testing


Similar Part No. - X-2064869-X

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
X-206425-X TEC-X-206425-X Datasheet
342Kb / 1P
   APPLICATION RANGE
More results

Similar Description - X-2064869-X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com