Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X-2064846-X Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # X-2064846-X
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X-2064846-X Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button X-2064846-X Datasheet HTML 74Page - List of Unclassifed Manufacturers X-2064846-X Datasheet HTML 75Page - List of Unclassifed Manufacturers X-2064846-X Datasheet HTML 76Page - List of Unclassifed Manufacturers X-2064846-X Datasheet HTML 77Page - List of Unclassifed Manufacturers X-2064846-X Datasheet HTML 78Page - List of Unclassifed Manufacturers X-2064846-X Datasheet HTML 79Page - List of Unclassifed Manufacturers X-2064846-X Datasheet HTML 80Page - List of Unclassifed Manufacturers X-2064846-X Datasheet HTML 81Page - List of Unclassifed Manufacturers X-2064846-X Datasheet HTML 82Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 100 page
background image
78
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
ODC™ Plug and Socket Cable Assemblies (Continued)
Product Dimensions
(Continued)
Base
Part Number1
Description
Fiber Size
Available Sizes
1985839
2-Fiber Socket to LC Duplex Assembly
Singlemode
1985840
2-Fiber Socket to LC Duplex Assembly
Multimode (50/125)
1985841
2-Fiber Socket to LC Duplex Assembly
Multimode (62.5/125)
0.3 to 9.9 meters 2
1985842
4-Fiber Socket to LC Duplex Assembly
Multimode (50/125)
1985843
4-Fiber Socket to LC Duplex Assembly
Multimode (62.5/125)
1. For complete part numbers, obtain proper customer drawing.
2. The length is defined by the dash number (i.e.: 3-1985839-5 is 3.5 meters long, 1-1985839-6 is 1.6 meters long)
Note: Other dust caps (screw type) and connector types, in combination with ODC Plug (or socket), are available upon
request.
Note: All part numbers are RoHS compliant.
View X-X
ODC 2 Fiber Socket Small Square to LC
ODC Socket
IP68
Recommended Panel Cutout
X
B
A
A
X
Note: All dimensions are reference dimensions.
Simplex Cable
1.9 mm Diameter
Color: Orange if Multimode or
Yellow if Singlemode
4.9
[.19]
47.7
[1.88]
18.25
[.719]
18.25
[.719]
18.25
[.719]
18.25
[.719]
15.85
[.624]
25.4
[1.00]
3.5
[.14]
25.4
[1.00]
Keyway
Pin 2
Pin 1
+ 0.3
– 0.0
+ .01
– .00
Ø 16.3
[.64
]
M3 Typ.
2-Fiber Socket to
LC Duplex Assembly
4-Fiber Socket to
LC Duplex Assembly
Fiber Path
ODC
LC
Socket
Connector
Pin 1
A
Pin 2
B
View X-X
ODC 4 Fiber Socket Small Square to LC
ODC Socket
IP68
Recommended Panel Cutout
X
B
A
A
X
Note: All dimensions are reference dimensions.
Simplex Cable
1.9 mm Diameter
Color: Orange if Multimode or
Yellow if Singlemode
5.0
[.20]
47.5
[1.87]
18.25
[.719]
18.25
[.719]
18.25
[.719]
18.25
[.719]
15.85
[.624]
25.4
[1.00]
3.5
[.14]
25.4
[1.00]
Keyway
Pin 1
Pin 2
Pin 4
Pin 3
+ 0.3
– 0.0
+ .01
– .00
Ø 16.3
[.64
]
M3 Typ.
Fiber Path
ODC
LC
Socket
Connector
Pin 1
2
Pin 2
1
Pin 3
4
Pin 4
3
ODC is a product and trademark of
HUBER+SUHNER AG.


Similar Part No. - X-2064846-X

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
X-206425-X TEC-X-206425-X Datasheet
342Kb / 1P
   APPLICATION RANGE
More results

Similar Description - X-2064846-X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com