Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X-2064846-X Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # X-2064846-X
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X-2064846-X Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button X-2064846-X Datasheet HTML 63Page - List of Unclassifed Manufacturers X-2064846-X Datasheet HTML 64Page - List of Unclassifed Manufacturers X-2064846-X Datasheet HTML 65Page - List of Unclassifed Manufacturers X-2064846-X Datasheet HTML 66Page - List of Unclassifed Manufacturers X-2064846-X Datasheet HTML 67Page - List of Unclassifed Manufacturers X-2064846-X Datasheet HTML 68Page - List of Unclassifed Manufacturers X-2064846-X Datasheet HTML 69Page - List of Unclassifed Manufacturers X-2064846-X Datasheet HTML 70Page - List of Unclassifed Manufacturers X-2064846-X Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 100 page
background image
67
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
4
Attenuators (Continued)
LC/UPC
Singlemode
LC Attenuators, Build Out
Style, Fixed Value
Note: Additional attenuation values
available upon request.
Broadband Bandpass Attenuators
Operating Wavelength
1260-1360 nm & 1430-1625 nm
Attenuation (dB)
Part Number
1
1693560-1
2
1693560-2
3
1693560-3
4
1693560-4
5
1693560-5
6
1693560-6
7
1693560-7
8
1693560-8
9
1693560-9
10
1-1693560-0
11
1-1693560-1
12
1-1693560-2
13
1-1693560-3
14
1-1693560-4
15
1-1693560-5
16
1-1693560-6
17
1-1693560-7
18
1-1693560-8
19
1-1693560-9
20
2-1693560-0
25
2-1693560-5
Note: Attenuation Tolerance, Ambient
5 dB: ± .10 x nominal
attenuation value
< 5 dB: ± 0.50 dB
Reflectance ≤ -55 dB
Note: All part numbers are RoHS compliant.
Dual Window Attenuators
Operating Wavelength
1310/1550 nm ±25 nm
Attenuation (dB)
Part Number
1
5209943-1
2
5209943-2
3
5209943-3
4
5209943-4
5
5209943-5
6
5209943-6
7
5209943-7
8
5209943-8
9
5209943-9
10
1-5209943-0
11
1-5209943-1
12
1-5209943-2
13
1-5209943-3
14
1-5209943-4
15
1-5209943-5
16
1-5209943-6
17
1-5209943-7
18
1-5209943-8
19
1-5209943-9
20
2-5209943-0
25
2-5209943-5
Note: Attenuation Tolerance, Ambient
5 dB: ± .10 x nominal
attenuation value
< 5 dB: ± 0.50 dB
0 dB: 0.50 dB max
Reflectance ≤ -55 dB
Broadband Bandpass Attenuators
Operating Wavelength
1260-1360 nm & 1430-1625 nm
Attenuation (dB)
Part Number
1
5209250-1
2
5209250-2
3
5209250-3
4
5209250-4
5
5209250-5
6
5209250-6
7
5209250-7
8
5209250-8
9
5209250-9
10
1-5209250-0
11
1-5209250-1
12
1-5209250-2
13
1-5209250-3
14
1-5209250-4
15
1-5209250-5
16
1-5209250-6
17
1-5209250-7
18
1-5209250-8
19
1-5209250-9
20
2-5209250-0
25
2-5209250-5
Note: Attenuation Tolerance, Ambient
5 dB: ± .10 x nominal
attenuation value
< 5 dB: ± 0.50 dB
0 dB: 0.50 dB max.
Reflectance ≤ -55 dB
SC/UPC
Singlemode
SC Attenuators, Build Out
Style, Fixed Value
Note: Additional attenuation values
available upon request.
28.6
[1.126]
6.25
[.246]
10.4
[.409]
Ø 1.25
[.049]
32.59
[1.283]
Max.
9.53
[.375]
Max.
7.4
[.291]
Max.


Similar Part No. - X-2064846-X

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
X-206425-X TEC-X-206425-X Datasheet
342Kb / 1P
   APPLICATION RANGE
More results

Similar Description - X-2064846-X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com